Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 434 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 434 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 430Page - Advanced Micro Devices SC3200 Datasheet HTML 431Page - Advanced Micro Devices SC3200 Datasheet HTML 432Page - Advanced Micro Devices SC3200 Datasheet HTML 433Page - Advanced Micro Devices SC3200 Datasheet HTML 434Page - Advanced Micro Devices SC3200 Datasheet HTML 435Page - Advanced Micro Devices SC3200 Datasheet HTML 436Page - Advanced Micro Devices SC3200 Datasheet HTML 437Page - Advanced Micro Devices SC3200 Datasheet HTML 438Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 447 page
background image
434
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
9.3.15
Power-Up Sequencing
Figure 9-55. Power-Up Sequencing With PWRBTN# Timing Diagram
Table 9-43. Power-Up Sequence Using the Power Button Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
t1
Voltage sequence
-100
100
ms
Optimum power-up results with
t1 = 0.
t2
PWRBTN# inactive after VSB or VSBL
applied, whichever is applied last
0
1
µs
PWRBTN# is an input and must
be powered by VSB.
t3
PWRBTN# active pulse width
16
4000
ms
If PWRBTN# max is exceeded,
ONCTL# will go inactive.
t4
ONCTL# inactive after VSB applied
0
1
ms
t5
Signal active after PWRBTN active
14
16
ms
t6
VCORE and VIO applied after ONCTL#
active
0
ms
System determines when VCORE
and VIO are applied, hence there
is no maximum constraint.
t7
POR# inactive after VCORE and VIO
applied
50
ms
POR# must not glitch during
active time.
t1
VSBL
VSB
VCORE
VIO
PWRBTN#
ONTCL#
PWRCNT[2:1]
POR#
t4
t2
t3
t1
t6
t5
t7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com