Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 435 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 435 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 431Page - Advanced Micro Devices SC3200 Datasheet HTML 432Page - Advanced Micro Devices SC3200 Datasheet HTML 433Page - Advanced Micro Devices SC3200 Datasheet HTML 434Page - Advanced Micro Devices SC3200 Datasheet HTML 435Page - Advanced Micro Devices SC3200 Datasheet HTML 436Page - Advanced Micro Devices SC3200 Datasheet HTML 437Page - Advanced Micro Devices SC3200 Datasheet HTML 438Page - Advanced Micro Devices SC3200 Datasheet HTML 439Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
435
Electrical Specifications
Revision 5.1
Figure 9-56. Power-Up Sequencing Without PWRBTN# Timing Diagram
ACPI is non-functional and all ACPI outputs are undefined when the power-up sequence does not include using the power
button. SUSP# is an internal signal generated from the ACPI block. Without an ACPI reset, SUSP# can be permanently
asserted. If the USE_SUSP bit in CCR2 of GX1 module is enabled (Index C2h[7] = 1), the CPU will stop.
If ACPI functionality is desired, or the situation described above avoided, the power button must be toggled. This can be
done externally or internally. GPIO63 is internally connected to PWRBTN#. To toggle the power button with software,
GPIO63 must be programmed as an output using the normal GPIO programming protocol (see Section 6.4.1.1 "GPIO Sup-
port Registers" on page 240). GPIO63 must be pulsed low for at least 16 ms and not more than 4 sec.
Asserting POR# has no effect on ACPI. If POR# is asserted and ACPI was active prior to POR#, then ACPI will remain
active after POR#. Therefore, BIOS must ensure that ACPI is inactive before GPIO63 is pulsed low.
Table 9-44. Power-Up Sequence Not Using the Power Button Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
t1
Voltage sequence
-100
100
ms
Optimum power-up results with
t1 = 0.
t2
POR# inactive after VSBL, VCORE, VSB,
and VIO applied
50
ms
POR# must not glitch during
active time.
t3
32KHZ startup time
1
s
Time required for 32 KHz oscilla-
tor and 14.318 MHz derived from
PLL6 to become stable at which
time the RTC can reliably count.
t1
VSBL, VCORE
1
VSB, VIO
2
POR#
t2
1)
VSBL and VCORE should be tied together.
2)
VSB and VIO should be tied together.
t3
32KHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com