Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 436 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 436 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 432Page - Advanced Micro Devices SC3200 Datasheet HTML 433Page - Advanced Micro Devices SC3200 Datasheet HTML 434Page - Advanced Micro Devices SC3200 Datasheet HTML 435Page - Advanced Micro Devices SC3200 Datasheet HTML 436Page - Advanced Micro Devices SC3200 Datasheet HTML 437Page - Advanced Micro Devices SC3200 Datasheet HTML 438Page - Advanced Micro Devices SC3200 Datasheet HTML 439Page - Advanced Micro Devices SC3200 Datasheet HTML 440Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 447 page
background image
436
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
9.3.16
JTAG Interface
Figure 9-57. TCK Measurement Points and Timing Diagram
Table 9-45. JTAG Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
TCK frequency
25
MHz
t1
TCK period
40
ns
t2
TCK high time
10
ns
t3
TCK low time
10
ns
t4
TCK rise time
4
ns
t5
TCK fall time
4
ns
t6
TDO valid delay
3
25
ns
t7
Non-test outputs valid delay
3
25
ns
50 pF load
t8
TDO float delay
30
ns
t9
Non-test outputs float delay
36
ns
t10
TDI, TMS setup time
8
ns
t11
Non-test inputs setup time
8
ns
t12
TDI, TMS hold time
7
ns
t13
Non-test inputs hold time
7
ns
VIH(Min)
VIL(Max)
1.5V
TCK
t1
t3
t5
t2
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com