Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 176 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 176 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 172Page - NXP Semiconductors FXLS93421 Datasheet HTML 173Page - NXP Semiconductors FXLS93421 Datasheet HTML 174Page - NXP Semiconductors FXLS93421 Datasheet HTML 175Page - NXP Semiconductors FXLS93421 Datasheet HTML 176Page - NXP Semiconductors FXLS93421 Datasheet HTML 177Page - NXP Semiconductors FXLS93421 Datasheet HTML 178Page - NXP Semiconductors FXLS93421 Datasheet HTML 179Page - NXP Semiconductors FXLS93421 Datasheet HTML 180Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
aaa-030672
IR_PSI5
SB1
SB0
`0'
bit value
`0'
data bit
tTRAN = tBIT * (2+DATASIZE+(P_CRC?3:1))
tBIT
tFRAME
D0
D1
`1'
`1'
`1'
`0'
`0'
D3
D4
D2
D5
D6
`1'
`1'
`1'
`0'
`1'
`1'
D7
D8
D9
PAR
SB1
Figure 87. Example Manchester encoded data transfer - PSI5-x10x
13.3.2.1 PSI5-x10P transmission mode
The device can be configured to transmit 10-bit data with parity by setting the
PDCMFORMAT bits in the SOURCEID_x registers and the P_CRC bit in the PSI5_CFG
register.
Start Bits
Sensor data (See Section 11.6.4.9)
Parity
S2
S1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
P
Table 259. PSI5-x10P transmission mode
13.3.2.2 PSI5-x10C transmission mode
The device can be configured to transmit 10-bit data with 3-bit CRC by setting the
PDCMFORMAT bits in the SOURCEID_x registers and the P_CRC bit in the PSI5_CFG
register.
Start bits
Sensor data (See Section 11.6.4.9)
CRC
S2
S1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
C2
C1
C0
Table 260. PSI5-x10C transmission mode
13.3.2.3 PSI5-x16P transmission mode
The device can be configured to transmit 16-bit data with parity by setting the
PDCMFORMAT bits in the SOURCEID_x registers and the P_CRC bit in the PSI5_CFG
register. In 16-bit mode, the 10-bit initialization data is transmitted in the upper 10-bits of
the data packet and the lower 6-bits are all zeros.
Start bits
Sensor data (See Section 11.6.4.9)
Parity
S2
S1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10 D11 D12 D13 D14 D15
P
Init Data
0
0
0
0
0
0
10-bit Initialization Data as specified in Section 13.4.2.1
P
Table 261. PSI5-x16P transmission mode
13.3.2.4 PSI5-x16C transmission mode
The device can be configured to transmit 16-bit data with 3-bit CRC by setting the
PDCMFORMAT bits in the SOURCEID_x registers and the P_CRC bit in the PSI5_CFG
register. In 16-bit mode, the 10-bit initialization data is transmitted in the upper 10-bits of
the data packet and the lower 6-bits are all zeros.
Start bits
Sensor data (See Section 11.6.4.9)
CRC
S2
S1
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 C2 C1 C0
Table 262. PSI5-x16C transmission mode
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
176 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com