Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 89Page - NXP Semiconductors FXLS93421 Datasheet HTML 90Page - NXP Semiconductors FXLS93421 Datasheet HTML 91Page - NXP Semiconductors FXLS93421 Datasheet HTML 92Page - NXP Semiconductors FXLS93421 Datasheet HTML 93Page - NXP Semiconductors FXLS93421 Datasheet HTML 94Page - NXP Semiconductors FXLS93421 Datasheet HTML 95Page - NXP Semiconductors FXLS93421 Datasheet HTML 96Page - NXP Semiconductors FXLS93421 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$55
CH0_U_OFFSET_L
CH0_U_OFFSET[7:0]
$56
CH0_U_OFFSET_H
CH0_U_OFFSET[15:8]
$5D
CH1_U_OFFSET_L
CH1_U_OFFSET[7:0]
$5E
CH1_U_OFFSET_H
CH1_U_OFFSET[15:8]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 167. User offset calibration registers (Chx_U_OFFSET_L, Chx_U_OFFSET_H)
The value programmed into the user offset calibration register is directly added to the
sensor data after the user sensitivity scaling but before the offset cancellation. See
Section 11.6.4.9 for scaling of the CHx_U_OFFSET value. The CHx-_U_OFFSET
register has the same resolution as the sensor value in the SNSDATAx registers. A 1
LSB change in the CHx-_U_OFFSET register will result in a 1 LSB change to the value in
the SNSDATAx registers.
Note: The user offset calibration register range is larger than the full scale range of the
output. The user must take care to ensure that the value stored in this register does not
result in a compressed output range or a railed output.
11.2.32 Channel-specific status register (CH0_STAT, CH1_STAT)
The channel-specific status registers are read-only registers which contain sensor data-
specific status information.
These registers are readable in DSI3 mode, SPI mode, I2C mode or PSI5 programming
mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$60
CH0_STAT
SIGNALCLIP
OCPHASE[2:0]
ST_INCMPLT
ST_ACTIVE
OFFSET_ERR
ST_ERROR
$70
CH1_STAT
SIGNALCLIP
OCPHASE[2:0]
ST_INCMPLT
ST_ACTIVE
OFFSET_ERR
ST_ERROR
Reset Value
0
0
0
0
1
0
0
0
Table 168. Channel-specific status register (CH0_STAT, CH1_STAT)
11.2.32.1 Signal clipped status bit (SIGNALCLIP)
In DSI3 mode, SPI mode, and I2C mode, the signal clipped status bit is set if the output
of the sinc filter reaches either the maximum or minimum value. The SIGNALCLIP bit is
cleared on a read of the CHx_STAT register through any communication interface or on a
data transmission that includes the error in the status field.
In PSI5 mode, the SIGNALCLIP bit has no impact on device operation or performance.
11.2.32.2 Offset cancellation phase status (OCPHASE[2:0])
The offset cancellation phase status bits indicate the current phase of the offset
cancellation filter as described in Section 11.6.4.6.
OCPHA
SE[2:0]
Offset cancellation startup phase
Offset low-pass filter frequency
(Hz)
000
Phase 0
163.8
001
Phase 1
40.96
010
Phase 2
10.24
Table 169. Offset cancellation phase status (OCPHASE[2:0])
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
93 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com