Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 68Page - NXP Semiconductors FXLS93421 Datasheet HTML 69Page - NXP Semiconductors FXLS93421 Datasheet HTML 70Page - NXP Semiconductors FXLS93421 Datasheet HTML 71Page - NXP Semiconductors FXLS93421 Datasheet HTML 72Page - NXP Semiconductors FXLS93421 Datasheet HTML 73Page - NXP Semiconductors FXLS93421 Datasheet HTML 74Page - NXP Semiconductors FXLS93421 Datasheet HTML 75Page - NXP Semiconductors FXLS93421 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
In DSI3 mode, the DUALTRANS mode is readable and writable, but has no impact on
device operation or performance.
In SPI and I2C mode, the DUALTRANS bits are readable and writable, but has no impact
on device operation or performance.
11.2.17.5 Error message information extension bit (EMSG_EXT)
In PSI5 mode, the error message information extension bit enables or disables additional
PSI5 error message information as shown in Table 118.
EMSG_EXT Description
0
All internal Errors map to 0x1F4 (See Section 13.3.4)
1
Additional PSI5 reserved codes are used for internal error distinction (See
Section 13.3.4)
Table 118. Error message information extension bit (EMSG_EXT)
In DSI3 mode, the EMSG_EXT bit is readable and writable, but has no impact on device
operation or performance.
In SPI and I2C mode, the EMSG_EXT bit is readable and writable, but has no impact on
device operation or performance.
11.2.17.6 PSI5 response message error detection selection bit (P_CRC)
In PSI5 mode, the response message error detection selection bit selects either
even parity, or a 3-bit CRC for error detection of the PSI5 response message. See
Section 11.2.18.1 for details regarding response message error detection.
P_CRC
Parity or CRC
0
Parity
1
CRC
Table 119. PSI5 response message error detection selection bit (P_CRC)
In DSI3 mode, the P_CRC bit is readable and writable, but has no impact on device
operation or performance.
In SPI and I2C mode, the P_CRC bit is readable and writable, but has no impact on
device operation or performance.
11.2.17.7 Initialization phase 2 data extension bit (INIT2_EXT)
In PSI5 mode, the initialization phase 2 data extension bit enables or disables data
transmission in data fields D33 through D48 of PSI5 initialization phase 2 as shown in
Table 120.
INIT2_EXT
Description
0
D33 through D48 are not transmitted
1
D33 through D48 are transmitted as defined in Section 13.4.2.1
Table 120. Initialization phase 2 data extension bit (INIT2_EXT)
In DSI3 mode, the INIT2_EXT bit is readable and writable, but has no impact on device
operation or performance.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
72 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com