Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 15Page - NXP Semiconductors FXLS93421 Datasheet HTML 16Page - NXP Semiconductors FXLS93421 Datasheet HTML 17Page - NXP Semiconductors FXLS93421 Datasheet HTML 18Page - NXP Semiconductors FXLS93421 Datasheet HTML 19Page - NXP Semiconductors FXLS93421 Datasheet HTML 20Page - NXP Semiconductors FXLS93421 Datasheet HTML 21Page - NXP Semiconductors FXLS93421 Datasheet HTML 22Page - NXP Semiconductors FXLS93421 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
User range (g)
Offset (LSB, 12 bit)
100
± 100
105
± 96
112.5
± 89
125
± 80
128
± 79
150
± 67
187
± 54
250
± 40
312.5
± 32
375
± 27
500
± 20
Table 18. High g adjusted offset specification limits...continued
Table 19 lists the offset before offset cancellation limits for some PSI5 10-bit user gain
settings.
User range (g)
Offset (LSB, 10 bit)
60
± 40
120
± 20
240
± 10
480
± 5
Table 19. PSI5, High g offset cancellation limits
The signal noise scales with the user gain and with signal bandwidth. The higher the
gain (lower range), the higher the noise, the wider the bandwidth, the higher the noise.
Table 20 and Table 21 lists the adjusted specification limits for some user gain settings
and low-pass filter selections on the lateral, and Z-axis.
Note: Peak values indicate the maximum deviation from the mean.
LPF 400 Hz, 4p LPF 400 Hz, 3p LPF 180 Hz, 2p LPF 325 Hz, 3p LPF 1500 Hz, 4p LPF 800 Hz, 4p
User
range
(g)
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
50
11
3
11
3
8
2
10
3
21
5
15
4
62.5
9
3
9
3
6
2
8
2
17
4
12
3
100
5
2
6
2
4
1
5
2
11
3
8
2
125
4
1
4
1
3
1
4
1
8
2
6
2
187
3
1
3
1
2
1
3
1
6
2
4
1
250
3
1
3
1
2
1
2
1
4
1
3
1
312.5
2
1
2
1
2
1
2
1
4
1
3
1
Table 20. Lateral, High g, SPI/DSI3 12-bit noise specification
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
19 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com