Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 23Page - NXP Semiconductors FXLS93421 Datasheet HTML 24Page - NXP Semiconductors FXLS93421 Datasheet HTML 25Page - NXP Semiconductors FXLS93421 Datasheet HTML 26Page - NXP Semiconductors FXLS93421 Datasheet HTML 27Page - NXP Semiconductors FXLS93421 Datasheet HTML 28Page - NXP Semiconductors FXLS93421 Datasheet HTML 29Page - NXP Semiconductors FXLS93421 Datasheet HTML 30Page - NXP Semiconductors FXLS93421 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
10.11 Dynamic electrical characteristics - DSI3
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Command Reception (General)
10709
VHIGH low-pass filter time constant (Section 12.1.1)
tVHIGH_RC
60
120
180
µs
7, 9
10722
VHIGH Detection Analog Delay (Section 12.1.1)
tVHIGH_Delay
—
—
600
ns
7, 9
10721
Command Valid time (Section 12.1.1)
tCmd_Valid
—
2
—
µs
7, 9
Response Transmission (General, Slew Control Enabled, Section 12.3.3)
10710
Response Slew Time: 2.0 mA to 10.0 mA, 10.0 mA to 2.0 mA
tSLEW1_RESP
350
400
500
ns
1, 7, 9
10726
Response Slew Time: 4.0 mA to 20.0 mA, 20.0 mA to 4.0 mA
tSLEW2_RESP
350
400
500
ns
1, 7, 9
10725
tSLEW1_RESP – tSLEW2_RESP
ΔtSLEW
–100
—
100
ns
7, 9
10724
tSLEW1_RESP_Rise – tSLEW2_RESP_Fall
ΔtSLEW_rf
–250
—
250
ns
7, 9
10723
Response Current Activation Time: Current Activated to 50 %
tACT_RESP
200
—
400
ns
3, 7, 9
Response Transmission (General, Slew Control Disabled, Section 12.3.3)
10727
Response Slew Time: 2.0 mA to 10.0 mA, 10.0 mA to 2.0 mA
tnSLEW1_RESP
—
—
300
ns
7, 9
10728
Response Slew Time: 4.0 mA to 20.0 mA, 20.0 mA to 4.0 mA
tnSLEW2_RESP
—
—
300
ns
7, 9
10729
tSLEW1_RESP – tSLEW2_RESP
ΔtnSLEW
–300
—
300
ns
7, 9
10730
tSLEW1_RESP_Rise – tSLEW2_RESP_Fall
ΔtnSLEW_rf
–300
—
300
ns
7, 9
10731
Response Current Activation Time: Current Activated to 50 %
tnACT_RESP
—
—
300
ns
7, 9
Command Reception (Discovery Mode)
10719
Command Start Time (Section 12.2)
tSTART_DISC
tPOR_DSI
—
13.5
ms
7, 8, 9
10734
Command Bit Time (Section 12.2)
tDISC_BitTime
14
16
18
µs
7, 8, 9
10733
Command Transmission Period (Section 12.2)
tPER_DISC
125
—
—
µs
7, 8, 9
10732
Command Blocking Time, Discovery Mode (Section 12.1.1)
tCmdBlock_DISC
—
80
—
µs
7, 8, 9
Response Transmission (Discovery Mode)
30078
Idle Current Sample Delay (Section 12.2)
tDISC_DLY
—
48
—
µs
7, 8, 9
30079
Idle Current Sample Time (Section 12.2)
tDISC_ICCQ_SAMP
—
15
—
µs
7, 8, 9
10718
Response Start Delay (Section 12.2)
tSTART_DISC_RSP
—
64
—
µs
7, 8, 9
10738
Response Ramp Time (Section 12.2)
tDISC_Ramp_RSP
—
16
—
µs
7, 8, 9
10737
Response Ramp Rate (Section 12.2)
IDISC_Ramp
—
1.5
—
mA/µs 7, 8, 9
10736
Response Idle Time (Section 12.2)
tDISC_Idle_RSP
—
16
—
µs
7, 8, 9
10735
Response Peak Current (Section 12.2)
IDISC_Peak
—
2*IRESP
—
mA
7, 8, 9
30081
Response Current Sample Delay (Section 12.2)
tIDISC_Samp_Dly
—
65
—
µs
7, 8, 9
30080
Response Current Sample Time (Section 12.2)
tIDISC_Samp
—
31
—
µs
7, 8, 9
Command Reception (Command and Response Mode)
10717
Command Bit Time (Section 12.3)
tCmd_BitTime
—
8
—
µs
7, 8, 9
10741
Command Transmission Period (Section 12.3)
tPER_CRM
475
—
—
µs
7, 8, 9
10740
Command Blocking Time, CRM (Section 12.1.1)
tCmdBlock_CRM
—
455
—
µs
7, 8, 9
10739
Command Blocking Start Time, CRM (Section 12.1.1)
tCmdBlock_ST_CRM
—
290
—
µs
7, 8, 9
Table 34. Dynamic electrical characteristics - DSI3
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
27 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com