Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 40Page - NXP Semiconductors FXLS93421 Datasheet HTML 41Page - NXP Semiconductors FXLS93421 Datasheet HTML 42Page - NXP Semiconductors FXLS93421 Datasheet HTML 43Page - NXP Semiconductors FXLS93421 Datasheet HTML 44Page - NXP Semiconductors FXLS93421 Datasheet HTML 45Page - NXP Semiconductors FXLS93421 Datasheet HTML 46Page - NXP Semiconductors FXLS93421 Datasheet HTML 47Page - NXP Semiconductors FXLS93421 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.2 Device status registers (DEVSTATx)
The device status registers are read-only registers which contain device status
information.
These registers are readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming
Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$01
DEVSTAT
CH0_ERR
CH1_ERR
COMM_ERR
MEMTEMP_
ERR
SUPPLY_ERR
TESTMODE
DEVRES
DEVINIT
Reset Value
1
1
0
0
x
0
1
1
$02
DEVSTAT1
VBUFUV_ERR BUSINUV_ERR VBUFOV_ERR
RESERVED
INTREGA_ERR
INTREG_ERR
INTREGF_ERR
CONT_ERR
Reset Value
x
x
x
x
x
x
x
0
$03
DEVSTAT2
F_OTP_ERR
U_OTP_ERR
U_RW_ERR
U_W_ACTIVE
TEMP1_ERR
TEMP0_ERR
RESERVED
RESERVED
Reset Value
0
0
0
0
0
0
x
x
$04
DEVSTAT3
MISO_ERR
OSCTRAIN_
ERR
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Reset Value
0
0
x
x
x
x
x
x
Table 50. Device status registers (DEVSTATx)
11.2.2.1 Channel 0 error flag (CH0_ERR)
The channel 0 error flag is set if a channel 0 specific error is present in the channel 0
DSP:
CH0_ERR = CH0_STAT[SIGNALCLIP] | CH0_STAT[ST_INCMPLT] |
CH0_STAT[OFFSET_ERR] | CH0_STAT[ST_ERROR]
11.2.2.2 Channel 1 error flag (CH1_ERR)
The channel 1 error flag is set if a channel 1 specific error is present in the channel 1
DSP:
CH1_ERR = CH1_STAT[SIGNALCLIP] | CH1_STAT[ST_INCMPLT] |
CH1_STAT[OFFSET_ERR] | CH1_STAT[ST_ERROR]
11.2.2.3 Communication error flag (COMM_ERR)
The communication error flag is set if any bit in DEVSTAT3 is set:
COMM_ERR = MISO_ERR | OSCTRAIN_ERR
11.2.2.4 Memory or temperature error flag (MEMTEMP_ERR)
The memory error flag is set if any bit in DEVSTAT2 is set:
MEMTEMP_ERR = F_OTP_ERR | U_OTP_ERR | U_RW_ERR | U_W_ACTIVE |
TEMP1_ERR | TEMP0_ERR
11.2.2.5 Supply error flag (SUPPLY_ERR)
The supply error flag is set if any bit in DEVSTAT1 is set:
SUPPLY_ERR = VBUFUV_ERR | BUSINUV_ERR | VBUFOV_ERR | INTREG_ERR |
INTREGA_ERR | INTREGF_ERR | CONT_ERR
A common timer is used for all error bits in the DEVSTAT1 register. If any bit in
DEVSTAT1 is set, the timer is reset to tUVOV_RCV. When no supply errors are present, the
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
44 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com