Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 21Page - NXP Semiconductors FXLS93421 Datasheet HTML 22Page - NXP Semiconductors FXLS93421 Datasheet HTML 23Page - NXP Semiconductors FXLS93421 Datasheet HTML 24Page - NXP Semiconductors FXLS93421 Datasheet HTML 25Page - NXP Semiconductors FXLS93421 Datasheet HTML 26Page - NXP Semiconductors FXLS93421 Datasheet HTML 27Page - NXP Semiconductors FXLS93421 Datasheet HTML 28Page - NXP Semiconductors FXLS93421 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Med g Z-Axis Self-test, 62 g, U_SNS_SHIFT = 0x2, U_SNS_MULT = 0x00
ΔSTMIN
ΔSTNOM
ΔSTMAX
Low self-test, 8.66 g, 10-bit Signed Delta from Offset
STML_62Z_10
34
78
121
LSB
7
High self-test, 21.65 g, 10-bit Signed Delta from Offset
STMH_62Z_10
107
178
251
LSB
7
Low self-test, 8.66 g, 12-bit Signed Delta from Offset
STML_62Z_12
139
310
481
LSB
7
High self-test, 21.65 g, 12-bit Signed Delta from Offset
STMH_62Z_12
428
715
1001
LSB
7
Low self-test, 8.66 g, 16-bit SPI/PSI5 Extended Signed Delta from
Offset
STML_62Z_16
2176
4928
7744
LSB
7
High self-test, 21.65 g, 16-bit SPI/PSI5 Extended Signed Delta from
Offset
STMH_62Z_16
6848
11392
16064
LSB
7
30134
Low self-test, 8.66 g, 16-bit Signed SNSDATAx Register Delta from
Offset
*
STML_62Z_13
278
620
962
LSB
1
30135
High self-test, 21.65 g, 16-bit Signed SNSDATAx Register Delta from
Offset
*
STMH_62Z_13
857
1430
2002
LSB
1
High g Lateral Self-test, 187 g, U_SNS_SHIFT = 0x2, U_SNS_MULT = 0x00
ΔSTMIN
ΔSTNOM
ΔSTMAX
Low self-test, 18.33 g, 10-bit Signed Delta from Offset
STHL_187X_10
24
55
86
LSB
7
High self-test, 55.00 g, 10-bit Signed Delta from Offset
STHH_187X_10
90
150
212
LSB
7
Low self-test, 18.33 g, 12-bit Signed Delta from Offset
STHL_187X_12
99
220
341
LSB
7
High self-test, 55.00 g, 12-bit Signed Delta from Offset
STHH_187X_12
361
603
845
LSB
7
Low self-test, 18.33 g, 16-bit SPI/PSI5 Extended Signed Delta from
Offset
STHL_187X_16
1536
3520
5504
LSB
7
High self-test, 55.00 g, 16-bit SPI/PSI5 Extended Signed Delta from
Offset
STHH_187X_16
5760
9600
13568
LSB
7
10685
Low self-test, 18.33 g, 16-bit Signed SNSDATAx Register Delta from
Offset
*
STHL_187X_13
198
1206
682
LSB
1
10686
High self-test, 55.00 g, 16-bit Signed SNSDATAx Register Delta from
Offset
*
STHH_187X_13
723
440
1689
LSB
1
High g Z-Axis Self-test, 187 g, U_SNS_SHIFT = 0x2, U_SNS_MULT = 0x00
ΔSTMIN
ΔSTNOM
ΔSTMAX
Low self-test, 25.40 g, 10-bit Signed Delta from Offset
STHL_187Z_10
31
70
109
LSB
7
High self-test, 63.50 g, 10-bit Signed Delta from Offset
STHH_187Z_10
104
173
244
LSB
7
Low self-test, 25.40 g, 12-bit Signed Delta from Offset
STHL_187Z_12
125
279
433
LSB
7
High self-test, 63.50 g, 12-bit Signed Delta from Offset
STHH_187Z_12
417
695
974
LSB
7
Low self-test, 25.40 g, 16-bit SPI/PSI5 Extended Signed Delta from
Offset
STHL_187Z_16
1984
4416
6976
LSB
7
High self-test, 63.50 g, 16-bit SPI/PSI5 Extended Signed Delta from
Offset
STHH_187Z_16
6656
11072
15616
LSB
7
30136
Low self-test, 25.40 g, 16-bit Signed SNSDATAx Register Delta from
Offset
*
STHL_187Z_13
250
558
866
LSB
1
30137
High self-test, 63.50 g, 16-bit Signed SNSDATAx Register Delta from
Offset
*
STHH_187Z_13
834
1390
1947
LSB
1
High self-test Accuracy: Δ from Stored Value, including Sensitivity Error
(12 bit, Lateral, or Z-Axis, All Ranges)
10678
25 °C, Post Pre-conditioning
*
ΔSTHACC_
25P
–2
—
+2
%
6
10690
–40 °C ≤ TA ≤ 125 °C
*
ΔSTHACC_T
–10
—
+10
%
1
Table 31. Electrical characteristics - inertial sensor self-test...continued
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
25 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com