Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 86Page - NXP Semiconductors FXLS93421 Datasheet HTML 87Page - NXP Semiconductors FXLS93421 Datasheet HTML 88Page - NXP Semiconductors FXLS93421 Datasheet HTML 89Page - NXP Semiconductors FXLS93421 Datasheet HTML 90Page - NXP Semiconductors FXLS93421 Datasheet HTML 91Page - NXP Semiconductors FXLS93421 Datasheet HTML 92Page - NXP Semiconductors FXLS93421 Datasheet HTML 93Page - NXP Semiconductors FXLS93421 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
ARM_
DS[1]
ARM_
DS[0]
Down sampling
0
0
Provide every Sensor Data Request sample to the arming function for the relevant channel.
0
1
Provide every other Sensor Data Request sample to the arming function for the relevant channel.
1
0
Provide every fourth Sensor Data Request sample to the arming function for the relevant channel.
1
1
Provide every eighth Sensor Data Request sample to the arming function for the relevant channel.
Table 157. Arming function down sampling selection bits (ARM_DS[1:0])
11.2.28.2 Arming pulse stretch (ARM_PS[1:0])
The ARM_PS[1:0] bits set the programmable pulse stretch time for the arming outputs.
See Section 11.9 for more details regarding the arming function. Pulse stretch times are
derived from the internal oscillator, so the tolerance on this oscillator applies.
ARM_PS[1]
ARM_PS[0]
Pulse stretch time (typical oscillator)
0
0
0 ms
0
1
128.000 ms - 130.048 ms
1
0
512.000 ms - 514.048 ms
1
1
2048.000 ms - 2050.048 ms
Table 158. Arming pulse stretch (ARM_PS[1:0])
11.2.28.3 Arming window size (ARM_WS_N[1:0], A_WS_P[1:0])
The ARM_WS_N[1:0] and ARM_WS_P[1:0] bits have a different function depending on
the state of the ARM_CFG bits in the CHx_CFG_U4 registers. See Section 11.9 for more
details regarding the arming function. If the arming function is set to moving average
mode, the ARM_WS bits set the number of sensor samples used for the arming function
moving aver-age. The number of samples is set independently for each channel and
polarity. If the arming function is set to count mode, the ARM_WS bits set the sample
count limit for the arming function. The sample count limit is set independently for each
channel.
ARM_WS_P[1]
ARM_WS_P[0]
Positive window size
0
0
2
0
1
4
1
0
8
1
1
16
Table 159. Positive arming window size definitions (moving average mode)
ARM_WS_N[1]
ARM_WS_N[0]
Negative window size
0
0
2
0
1
4
1
0
8
1
1
16
Table 160. Negative arming window size definitions (moving average mode)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
90 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com