Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 51Page - NXP Semiconductors FXLS93421 Datasheet HTML 52Page - NXP Semiconductors FXLS93421 Datasheet HTML 53Page - NXP Semiconductors FXLS93421 Datasheet HTML 54Page - NXP Semiconductors FXLS93421 Datasheet HTML 55Page - NXP Semiconductors FXLS93421 Datasheet HTML 56Page - NXP Semiconductors FXLS93421 Datasheet HTML 57Page - NXP Semiconductors FXLS93421 Datasheet HTML 58Page - NXP Semiconductors FXLS93421 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
2. Write the desired values to the user array registers for only the region to be written
using the procedures in Section 11.2.10.
• The user must take care to ensure that the proper data is written to each region.
If a register write is executed to a new region, the base address changes to the
new region. The previous data written to the register block remains in the shared
registers and is written to OTP if the Write OTP sequence is completed.
3. Execute a write to the WRITE_OTP_EN register with the appropriate bits set for the
desired region to program.
• Once the WRITE_OTP_EN register write is completed, a CRC is calculated for
the data to be written to the region, the register values are written to OTP and the
region is locked from future writes. The UOTP_WR_INIT bit remains set.
4. Delay tOTP_WRITE_MAX to allow the device to complete the writes to OTP.
5. Verify that the OTP write successfully completed by reading back all of the OTP
registers using Register Read commands as defined in Section 11.2.10.
6. Repeat steps 1 through 4 for all regions to be programmed.
The procedure for writing to the user OTP array UF2 region is:
1. Read the CRC_UF2 register and confirm the LOCK_UF2 bit is not set.
2. Write the desired values to the user array registers.
3. Execute a write to the WRITE_OTP_EN register with region 2 selected and the
EX_COMMTYPE and EX_PADDR bit set as desired.
• Once the WRITE_OTP_EN register write is completed, a CRC is calculated for
the data to be written to the region, the register values are written to OTP and the
region is locked from future writes. The UOTP_WR_INIT bit remains set.
4. Delay tOTP_WRITE_MAX to allow the device to complete the writes to OTP and an
automatic read of the UF2 registers from OTP.
5. Verify that the OTP write successfully completed by reading back all of the OTP
registers using Register Read commands.
11.2.8 Bus switch control register (BUSSW_CTRL)
The bus switch control register is a user programmed read/write register which controls
the state of the bus switch output driver. This register is included in the user read/write
array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$12
BUSSW_CTRL
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
BUSSW_CTRL[1:0]
Reset Value
0
0
0
0
0
0
0
0
Table 79. Bus switch control register (BUSSW_CTRL)
The BUSSW_CTRL bit controls the state of the BUSSW_L pin.
BUSSW_CTRL[1] BUSSW_CTRL[0] BUSSW_L Pin State
0
0
High Impedance. An external pullup or pulldown resistor
is required if an external switch is connected
0
1
High Impedance. An external pullup or pulldown resistor
is required if an external switch is connected
Table 80. BUSSW_L pin state
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
55 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com