Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 73Page - NXP Semiconductors FXLS93421 Datasheet HTML 74Page - NXP Semiconductors FXLS93421 Datasheet HTML 75Page - NXP Semiconductors FXLS93421 Datasheet HTML 76Page - NXP Semiconductors FXLS93421 Datasheet HTML 77Page - NXP Semiconductors FXLS93421 Datasheet HTML 78Page - NXP Semiconductors FXLS93421 Datasheet HTML 79Page - NXP Semiconductors FXLS93421 Datasheet HTML 80Page - NXP Semiconductors FXLS93421 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.20 SPI configuration control register
In SPI mode, the SPI configuration control register is a user programmed read/write
register which contains the SPI protocol configuration information. This register is
included in the read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
programming mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$3D
SPI_CFG
SPI_STATUS
DATASIZE
SPI_CRC_LEN[1:0]
SPICRCSEED[3:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 129. SPI configuration control register
11.2.20.1 SPI status reporting selection bit (SPI_STATUS)
The SPI status reporting bit controls the reporting of the SPI basic status as shown in
Table 130. See Section 14.5.
SPI_STATUS
SPI basic status reporting
0
As documented in Section 14.5.1
1
As documented in Section 14.5.2
Table 130. SPI status reporting selection bit (SPI_STATUS)
In DSI3 mode, the SPI_STATUS bit is readable and writable, but has no impact on device
operation or performance.
In PSI5 mode, the SPI_STATUS bit is readable and writable, but has no impact on device
operation or performance.
In I2C mode, the SPI_STATUS bit is readable and writable, but has no impact on device
operation or performance.
11.2.20.2 SPI data field size bit (DATASIZE)
The SPI data field size bit controls the size of the SPI data field as shown in Table 131.
See Section 11.6.4.9.
DATASIZE
SPI data field size
0
12-bits
1
16-bits
Table 131. SPI data field size bit (DATASIZE)
In DSI3 mode, the DATASIZE bit is readable and writable, but has no impact on device
operation or performance.
In PSI5 mode, the DATASIZE bit is readable and writable, but has no impact on device
operation or performance.
In I2C mode, the DATASIZE bit is readable and writable, but has no impact on device
operation or performance.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
77 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com