Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 74Page - NXP Semiconductors FXLS93421 Datasheet HTML 75Page - NXP Semiconductors FXLS93421 Datasheet HTML 76Page - NXP Semiconductors FXLS93421 Datasheet HTML 77Page - NXP Semiconductors FXLS93421 Datasheet HTML 78Page - NXP Semiconductors FXLS93421 Datasheet HTML 79Page - NXP Semiconductors FXLS93421 Datasheet HTML 80Page - NXP Semiconductors FXLS93421 Datasheet HTML 81Page - NXP Semiconductors FXLS93421 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.20.3 SPI CRC length and seed bits (SPI_CRC_LEN[1:0], SPICRCSEED[3:0])
The SPI_CRC_LEN[1:0] bits select the CRC length for SPI mode as shown in Table 132.
The SPI CRC seed bits contain the seed used for the SPI Mode. The default SPI CRC is
an 8-bit. When the SPI_CRC_LEN[1:0] bits are set to a non-zero value using a register
write command, the SPI CRC changes as defined in the table. The new polynomial value
is enabled for both MISO and MOSI on the next SPI mode command.
The default seed (SPICRCSEED[3:0] = 0x0) is 0xFF for an 8-bit CRC. When the value
is changed to a non-zero value using a register write command, the SPI CRC seed
changes to the value programmed as shown in the table. The new seed value is enabled
for both MISO and MOSI on the next SPI mode command.
SPI_CRC_
LEN[1:0]
SPICR
CSEED
CRC polynomial
CRC seed
0
1111, 1111
0
0
Non-Zero
x8 + x5 + x3 + x2 + x + 1
1111,
SPICRCSEED[3:0]
0
1010
0
1
Non-Zero
x4 + 1
SPICRCSEED[3:0]
0
111
1
0
Non-Zero
x3 + x + 1
SPICRCSEED[2:0]
0
111
1
1
Non-Zero
x3 + x + 1
SPICRCSEED[2:0]
Table 132. SPI CRC length and seed bits (SPI_CRC_LEN[1:0], SPICRCSEED[3:0])
In PSI5 mode, the SPI CRC bits are readable and writable, but have no impact on device
operation or performance.
In DSI3 mode, the SPI CRC bits are readable and writable, but have no impact on device
operation or performance.
In I2C mode, the SPI CRC bits are readable and writable, but have no impact on device
operation or performance.
11.2.21 Who Am I register
The Who Am I register is a user programmed read/write register which contains the
unique product identifier for I2C mode. The register is readable in all modes. This register
is included in the read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address Register
7
6
5
4
3
2
1
0
$3E
WHO_
AM_I
WHO_AM_I[7:0]
Unprogrammed
OTP Value
0
0
0
0
0
0
0
0
Table 133. Who Am I register
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
78 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com