Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 87Page - NXP Semiconductors FXLS93421 Datasheet HTML 88Page - NXP Semiconductors FXLS93421 Datasheet HTML 89Page - NXP Semiconductors FXLS93421 Datasheet HTML 90Page - NXP Semiconductors FXLS93421 Datasheet HTML 91Page - NXP Semiconductors FXLS93421 Datasheet HTML 92Page - NXP Semiconductors FXLS93421 Datasheet HTML 93Page - NXP Semiconductors FXLS93421 Datasheet HTML 94Page - NXP Semiconductors FXLS93421 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
ARM_WS_N[1]
ARM_WS_N[0]
ARM_WS_P[1]
ARM_WS_P[0]
Sample count limit
Don't Care
Don't Care
0
0
1
Don't Care
Don't Care
0
1
3
Don't Care
Don't Care
1
0
7
Don't Care
Don't Care
1
1
15
Table 161. Arming count limit definitions (count mode)
11.2.29 Arming threshold registers (CHx_ARM_T_P, CHx_ARM_T_N)
The arming threshold registers contain the positive and negative thresholds to be used
by the arming function for each channel. Refer to Section 11.9 for more details regarding
the arming function.
These registers can be written during initialization but are locked once the ENDINIT bit
is set. Refer to Section 11.2.6. The registers are included in the read/write array error
detection.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$46
CH0_ARM_T_P
ARM_T_P[7:0]
$47
CH0_ARM_T_N
ARM_T_N[7:0]
$4E
CH1_ARM_T_P
ARM_T_P[7:0]
$4F
CH1_ARM_T_N
ARM_T_N[7:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 162. Arming threshold registers (CHx_ARM_T_P, CHx_ARM_T_N)
The values programmed into the threshold registers are the threshold values used for the
arming function as described in Section 11.9. The threshold registers hold independent
unsigned 8-bit values for each channel and polarity. Each threshold increment is
equivalent to 1 output LSB, 10-bit. Table 163 shows examples of some threshold register
values and the corresponding threshold.
Programmed thresholds
Device
Range
(g)
Sensitivity
(12 bit,
LSB/g)
Arming
thresh-old
resolution
(10 bit,
LSB/g)
Range
of arm
threshold
(g)
Positive
(Decimal)
Negative
(Decimal)
Positive
threshold
(g)
Negative
threshold
(g)
125
16.3760
4.0940
62.2863
40
12
10
–3
62
33.0161
8.2540
30.8940
123
24
15
–3
50
40.9400
10.2350
24.9145
245
61
24
–6
25
81.8800
20.4700
12.4573
245
61
12
–3
16
127.9375
31.9844
7.9726
223
95
7
–3
Table 163. Example threshold register values and corresponding threshold
If either the positive or negative threshold for one channel is programmed to 0x00,
comparisons are disabled for only that polarity. The arming function still operates for the
opposite polarity. If both the positive and negative arming thresholds for one channel are
programmed to 0x00, the arming function for the associated channel is disabled and the
output pin is set to high impedance, regardless of the value of the ARM_CFG bits in the
CHx_CFG_U4 register.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
91 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com