Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 27291SL
Description  Airfast RF Power LDMOS Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

27291SL Datasheet(HTML) 2 Page - NXP Semiconductors

  27291SL Datasheet HTML 1Page - NXP Semiconductors 27291SL Datasheet HTML 2Page - NXP Semiconductors 27291SL Datasheet HTML 3Page - NXP Semiconductors 27291SL Datasheet HTML 4Page - NXP Semiconductors 27291SL Datasheet HTML 5Page - NXP Semiconductors 27291SL Datasheet HTML 6Page - NXP Semiconductors 27291SL Datasheet HTML 7Page - NXP Semiconductors 27291SL Datasheet HTML 8Page - NXP Semiconductors 27291SL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NXP Semiconductors
Data Sheet: Technical Data
2/20
A3T09S100N Airfast RF Power LDMOS Transistor, Rev. 0, March 2021
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
–0.5, +65
Vdc
Gate--Source Voltage
VGS
–6.0, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
–65 to +150
C
Case Operating Temperature Range
TC
–40 to +150
C
Operating Junction Temperature Range (1,2)
TJ
–40 to 225
C
Total Device Dissipation @ TC =25C
Derate above 25C
PD
222
1.11
W
W/C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 80.5C, 14 W Avg., W–CDMA, 28 Vdc, IDQ = 450 mA,
880 MHz
RJC
0.90
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JS--001--2017)
Class 1C, passes 1500 V
Charge Device Model (per JS--002--2014)
Class C3, passes 1000 V
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =32 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID = 100 Adc)
VGS(th)
1.0
1.8
3.0
Vdc
Gate Quiescent Voltage
(VDD =28 Vdc, ID = 450 mAdc, Measured in Functional Test)
VGS(Q)
2.3
2.6
2.9
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID = 100 mAdc)
VDS(on)
—
0.02
—
Vdc
Forward Transconductance
(VDS =10 Vdc, ID =7.5 Adc)
gfs
—
6.2
—
S
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.nxp.com.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.nxp.com/RF and search for AN1955.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com