Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 27291SL
Description  Airfast RF Power LDMOS Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

27291SL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 27291SL Datasheet HTML 3Page - NXP Semiconductors 27291SL Datasheet HTML 4Page - NXP Semiconductors 27291SL Datasheet HTML 5Page - NXP Semiconductors 27291SL Datasheet HTML 6Page - NXP Semiconductors 27291SL Datasheet HTML 7Page - NXP Semiconductors 27291SL Datasheet HTML 8Page - NXP Semiconductors 27291SL Datasheet HTML 9Page - NXP Semiconductors 27291SL Datasheet HTML 10Page - NXP Semiconductors 27291SL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NXP Semiconductors
Data Sheet: Technical Data
7/20
A3T09S100N Airfast RF Power LDMOS Transistor, Rev. 0, March 2021
Typical Characteristics — 880 MHz Production Test Fixture
Figure 6. Single--Carrier Output Peak--to--Average Ratio Compression (PARC) Broadband Performance
@Pout = 15 Watts Avg.
820
ACPR
f, FREQUENCY (MHz)
--20
0
--5
--10
--15
19.5
24.5
24
23.5
--37
45
40
35
30
--27
--29
--31
--33
23
22.5
22
21.5
21
20.5
20
840
860
880
900
920
940
960
980
25
--35
--25
PARC
VDD =28 Vdc,Pout = 15 W(Avg.)
IDQ = 450 mA, Single--Carrier W--CDMA
IRL
--3
--1
--1.5
--2
--2.5
--3.5
Gps
3.84 MHz Channel Bandwidth
Input Signal PAR = 9.9 dB
@ 0.01% Probability on CCDF
D
1
--75
0
--15
--30
--60
0.1
50
--45
VDD =28 Vdc,Pout = 64 W (PEP)
IDQ = 450 mA, Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 880 MHz
IM5--U
IM7--U
IM7--L
IM3--L
10
IM3--U
IM5--L
TWO--TONE SPACING (MHz)
Figure 7. Intermodulation Distortion Products versus Two--Tone Spacing
Figure 8. Output Peak--to--Average Ratio Compression (PARC) versus Output Power
Pout, OUTPUT POWER (WATTS)
--1
--3
10
0
--2
--4
515
20
30
0
60
50
40
30
20
10
25
D
ACPR
PARC
--45
--15
--20
--25
--35
--30
--40
23
22.9
22.8
22.7
22.6
22.5
22.4
Gps
--5
1
VDD =28 Vdc,IDQ = 450 mA, f = 880 MHz, Single--Carrier W--CDMA
–1 dB = 10.5 W
3.84 MHz Channel Bandwidth
Input Signal PAR = 9.9 dB
@ 0.01% Probability on CCDF
–2 dB = 15.2 W
–3 dB = 20.8 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com