Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 27291SL
Description  Airfast RF Power LDMOS Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

27291SL Datasheet(HTML) 3 Page - NXP Semiconductors

  27291SL Datasheet HTML 1Page - NXP Semiconductors 27291SL Datasheet HTML 2Page - NXP Semiconductors 27291SL Datasheet HTML 3Page - NXP Semiconductors 27291SL Datasheet HTML 4Page - NXP Semiconductors 27291SL Datasheet HTML 5Page - NXP Semiconductors 27291SL Datasheet HTML 6Page - NXP Semiconductors 27291SL Datasheet HTML 7Page - NXP Semiconductors 27291SL Datasheet HTML 8Page - NXP Semiconductors 27291SL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NXP Semiconductors
Data Sheet: Technical Data
3/20
A3T09S100N Airfast RF Power LDMOS Transistor, Rev. 0, March 2021
Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS =28 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
1.4
—
pF
Output Capacitance
(VDS =28 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
30.9
—
pF
Input Capacitance
(VDS =28 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
—
68.3
—
pF
Functional Tests (In NXP Production Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ = 450 mA, Pout = 15 W Avg., f = 880 MHz,
Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.9 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz
Channel Bandwidth @ 5MHz Offset.
Power Gain
Gps
22.0
22.8
25.0
dB
Drain Efficiency
D
32.4
33.8
—
%
Adjacent Channel Power Ratio
ACPR
—
–38.0
–33.0
dBc
Input Return Loss
IRL
—
–19
–9
dB
Load Mismatch/Ruggedness — 880 MHz (In NXP Production Test Fixture, 50 ohm system) IDQ = 450 mA
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
880
CW
> 10:1
at all Phase Angles
1.3
(3 dB Overdrive)
32
No Device
Degradation
Load Mismatch/Ruggedness — 136 MHz (In NXP Reference Circuit, 50 ohm system) IDQ = 450 mA
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
136
CW
>5:1
at all Phase Angles
0.2
(3 dB Overdrive)
32
No Device
Degradation
Table 6. Ordering Information
Device
Tape and Reel Information
Package
A3T09S100NR1
R1 Suffix = 500 Units, 24 mm Tape Width, 13--inch Reel
TO--270--2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com