Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 27291SL
Description  Airfast RF Power LDMOS Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

27291SL Datasheet(HTML) 1 Page - NXP Semiconductors

  27291SL Datasheet HTML 1Page - NXP Semiconductors 27291SL Datasheet HTML 2Page - NXP Semiconductors 27291SL Datasheet HTML 3Page - NXP Semiconductors 27291SL Datasheet HTML 4Page - NXP Semiconductors 27291SL Datasheet HTML 5Page - NXP Semiconductors 27291SL Datasheet HTML 6Page - NXP Semiconductors 27291SL Datasheet HTML 7Page - NXP Semiconductors 27291SL Datasheet HTML 8Page - NXP Semiconductors 27291SL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Designed for two--way radio applications with frequencies from 136 to
941 MHz. The high gain, ruggedness and wideband performance of this
device make it ideal for large--signal, common--source amplifier applications in
radio equipment.
Typical Single--Carrier W–CDMA Production Fixture Performance:
VDD =28 Vdc, IDQ = 450 mA, Pout = 15 W Avg., Input Signal PAR = 9.9 dB @ 0.01%
Probability on CCDF
Frequency
(MHz)
Gps
(dB)
D
(%)
Avg. Pout
(W)
880
22.8
33.8
15
Typical Reference Circuit Performance: VDD =28 Vdc, IDQ = 450 mA,
Pin = 0.125 W, CW
Frequency
(MHz)
Gps
(dB)
D
(%)
Pout
(W)
136
28.5
64.0
90
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test
Voltage
Result
880
CW
> 10:1
at all Phase
Angles
1.3
32
No Device
Degradation
136
CW
>5:1
at all Phase
Angles
0.2
32
No Device
Degradation
Features
 Characterized for operation from 136 to 941 MHz
 Unmatched input and output allowing wide frequency range utilization
 Integrated ESD protection
 Wideband — full power across each mobile radio band
 Exceptional thermal performance
 High linearity for: TETRA, SSB, LTE
Typical Applications
 Output stage for VHF, UHF and 900 MHz 28 V base stations
 Output stage for VHF, UHF and 900 MHz high performance mobile radios
Data Sheet: Technical Data
A3T09S100N
Airfast RF Power LDMOS Transistor
Rev. 0 — March 2021
136–941 MHz, 100 W CW, 32 V
AIRFAST RF POWER LDMOS
TRANSISTOR
A3T09S100N
TO--270--2
PLASTIC
Figure 1. Pin Connections
(Top View)
Drain
Gate
Note: The backside of the package is the
source terminal for the transistor.
21
NXP reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.


Similar Part No. - 27291SL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
27291SL FREESCALE-27291SL Datasheet
574Kb / 15P
RF Power Field Effect Transistor
27291SL FREESCALE-27291SL Datasheet
928Kb / 20P
N-Channel Enhancement-Mode Lateral MOSFETs
27291SL FREESCALE-27291SL Datasheet
524Kb / 15P
N-Channel Enhancement-Mode Lateral MOSFETs
27291SL FREESCALE-27291SL Datasheet
1Mb / 20P
RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - 27291SL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A3V26S004N NXP-A3V26S004N Datasheet
313Kb / 13P
Airfast RF Power LDMOS Transistor
Rev. 0-December 2020
A5G23H065N NXP-A5G23H065N Datasheet
204Kb / 11P
Airfast RF Power GaN Transistor
Rev. 0-November 2021
A5G26S004N NXP-A5G26S004N Datasheet
292Kb / 13P
Airfast RF Power GaN Transistor
Rev. 2 ??January 2022
A5G35S004N NXP-A5G35S004N_V01 Datasheet
199Kb / 13P
Airfast RF Power GaN Transistor
Rev. 3 - July 2022
AFM912N NXP-AFM912N Datasheet
195Kb / 13P
Airfast RF Power LDMOS Transistor
Rev. 0 - November 2022
A5G23H065N NXP-A5G23H065N_V01 Datasheet
192Kb / 11P
Airfast RF Power GaN Transistor
Rev. 1 - November 2022
A5G26H110N NXP-A5G26H110N_V01 Datasheet
192Kb / 11P
Airfast RF Power GaN Transistor
Rev. 1 - November 2022
A5G35H055N NXP-A5G35H055N_V01 Datasheet
191Kb / 11P
Airfast RF Power GaN Transistor
Rev. 2 - November 2022
A5G26S004N NXP-A5G26S004N_V02 Datasheet
211Kb / 13P
Airfast RF Power GaN Transistor
Rev. 4 - April 2023
A5G26S008N NXP-A5G26S008N_V03 Datasheet
214Kb / 13P
Airfast RF Power GaN Transistor
Rev. 3 - April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com