Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 27291SL
Description  Airfast RF Power LDMOS Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

27291SL Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 27291SL Datasheet HTML 10Page - NXP Semiconductors 27291SL Datasheet HTML 11Page - NXP Semiconductors 27291SL Datasheet HTML 12Page - NXP Semiconductors 27291SL Datasheet HTML 13Page - NXP Semiconductors 27291SL Datasheet HTML 14Page - NXP Semiconductors 27291SL Datasheet HTML 15Page - NXP Semiconductors 27291SL Datasheet HTML 16Page - NXP Semiconductors 27291SL Datasheet HTML 17Page - NXP Semiconductors 27291SL Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Figure 17. Series Equivalent Source and Load Impedance – 136 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 
NXP Semiconductors
Data Sheet: Technical Data
14 / 20
A3T09S100N Airfast RF Power LDMOS Transistor, Rev. 0, March 2021
136 MHz Reference Circuit
f
(MHz)
Zsource

Zload

136
7.22 + j13.0
3.87 + j0.32
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com