Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 27291SL
Description  Airfast RF Power LDMOS Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

27291SL Datasheet(HTML) 4 Page - NXP Semiconductors

  27291SL Datasheet HTML 1Page - NXP Semiconductors 27291SL Datasheet HTML 2Page - NXP Semiconductors 27291SL Datasheet HTML 3Page - NXP Semiconductors 27291SL Datasheet HTML 4Page - NXP Semiconductors 27291SL Datasheet HTML 5Page - NXP Semiconductors 27291SL Datasheet HTML 6Page - NXP Semiconductors 27291SL Datasheet HTML 7Page - NXP Semiconductors 27291SL Datasheet HTML 8Page - NXP Semiconductors 27291SL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NXP Semiconductors
Data Sheet: Technical Data
4/20
A3T09S100N Airfast RF Power LDMOS Transistor, Rev. 0, March 2021
Typical Characteristics
40
0.1
100
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
30
10
200
1
Measured with 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc
Crss
Coss
Ciss
Figure 2. Capacitance versus Drain--Source Voltage
0
5
5
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
2
VGS =4.0 Vdc
4
3
1
10
15
25
20
30
35
TA =25C
2.5 Vdc
0
6
7
8
9
3.0 Vdc
3.25 Vdc
3.5 Vdc
3.75 Vdc
2.75 Vdc
Figure 3. Drain Current Versus Drain--Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com