Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 27291SL
Description  Airfast RF Power LDMOS Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

27291SL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 27291SL Datasheet HTML 4Page - NXP Semiconductors 27291SL Datasheet HTML 5Page - NXP Semiconductors 27291SL Datasheet HTML 6Page - NXP Semiconductors 27291SL Datasheet HTML 7Page - NXP Semiconductors 27291SL Datasheet HTML 8Page - NXP Semiconductors 27291SL Datasheet HTML 9Page - NXP Semiconductors 27291SL Datasheet HTML 10Page - NXP Semiconductors 27291SL Datasheet HTML 11Page - NXP Semiconductors 27291SL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NXP Semiconductors
Data Sheet: Technical Data
8/20
A3T09S100N Airfast RF Power LDMOS Transistor, Rev. 0, March 2021
Typical Characteristics — 880 MHz Production Test Fixture (cont.)
Pout, OUTPUT POWER (WATTS) AVG.
0
--10
--50
10
--20
--30
--40
1
15
27
–15
75
60
45
30
15
25
23
10
100
0
21
19
17
ACPR
880 MHz
850 MHz
910 MHz
VDD =28 Vdc,IDQ = 450 mA
Single--Carrier W--CDMA
3.84 MHz Channel Bandwidth
Gps
D
850 MHz
880 MHz
910 MHz
Input Signal PAR = 9.9 dB @ 0.01% Probability on CCDF
850 MHz
910 MHz
880 MHz
Figure 9. Single--Carrier W--CDMA Power Gain, Drain Efficiency and ACPR versus Output Power
21.5
Pout, OUTPUT POWER (WATTS)
0
19
24
25
75
65
55
45
35
23
22
60
120
21
20
VDD =28 Vdc,IDQ = 450 mA
f = 880 MHz, CW
Gps
D
Figure 10. Power Gain and Drain Efficiency versus CW Output Power over Temperature
20
40
80
100
TC = –40_C
85_C
25_C
25_C
–40_C
85_C
23.5
22.5
20.5
19.5
70
60
50
40
30
12
24
f, FREQUENCY (MHz)
VDD =28 Vdc
Pin =0 dBm
IDQ = 450 mA
20
18
16
22
14
700
750
800
850
900
950
1000
1050
1100
Gain
--25
5
0
–5
--10
--15
--20
IRL
Figure 11. Broadband Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com