Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 27291SL
Description  Airfast RF Power LDMOS Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

27291SL Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 27291SL Datasheet HTML 8Page - NXP Semiconductors 27291SL Datasheet HTML 9Page - NXP Semiconductors 27291SL Datasheet HTML 10Page - NXP Semiconductors 27291SL Datasheet HTML 11Page - NXP Semiconductors 27291SL Datasheet HTML 12Page - NXP Semiconductors 27291SL Datasheet HTML 13Page - NXP Semiconductors 27291SL Datasheet HTML 14Page - NXP Semiconductors 27291SL Datasheet HTML 15Page - NXP Semiconductors 27291SL Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
NXP Semiconductors
Data Sheet: Technical Data
12 / 20
A3T09S100N Airfast RF Power LDMOS Transistor, Rev. 0, March 2021
136 MHz Reference Circuit — 3 5 (7.6 cm  12.7 cm) (cont.)
Table 9. A3T09S100N Reference Circuit Component Designations and Values — 136 MHz
Part
Description
Part Number
Manufacturer
B1
30 , 6 A Ferrite Bead
MPZ2012S300A
TDK
C1
18 pF Chip Capacitor
600F180JT250XT
ATC
C2, C20, C22
36 pF Chip Capacitor
600F360JT250XT
ATC
C3
24 pF Chip Capacitor
600F240JT250XT
ATC
C4, C9
2.0 pF Chip Capacitor
600F2R0BT250XT
ATC
C5, C6, C7
8.2 pF Chip Capacitor
600F8R2BT250XT
ATC
C8, C12
1.5 pF Chip Capacitor
600F1R5BT250XT
ATC
C10
100 pF Chip Capacitor
600F101JT250XT
ATC
C11
30 pF Chip Capacitor
600F300JT250XT
ATC
C13
1.0 pF Chip Capacitor
600F1R0BT250XT
ATC
C14, C25
510 pF Chip Capacitor
100B511JT500XT
ATC
C15, C21, C26
1000 pF Chip Capacitor
100B102JT50XT
ATC
C16, C27
10 nF Chip Capacitor
C1210C103J5GACTU
Kemet
C17, C28
0.1 F Chip Capacitor
C1206C104K1RACTU
Kemet
C18
22 F, 25 V Tantalum Capacitor
TPSD226M025R0200
AVX
C19, C23
51 pF Chip Capacitor
800B510GT500XT
ATC
C24
15 pF Chip Capacitor
800B150JT500XT
ATC
C29
10 F, 100 V Electrolytic Capacitor
C5750X7S2A106M230KB
TDK
C30
330 F, 63 V Electrolytic Capacitor
MCRH63V337M13X21
Multicomp
C31
10 pF Chip Capacitor
100B100JT500XT
ATC
C32
15 pF Chip Capacitor
600F150JT250XT
ATC
L1
27 nH Inductor
1812SMS-27NJLC
Coilcraft
L2
68 nH Inductor
1812SMS-68NJLC
Coilcraft
L3
82 nH Inductor
1812SMS-82NJLC
Coilcraft
L4
12.5 nH Inductor
A04TJLC
Coilcraft
R1
12 , 1/10 W Chip Resistor
RR1220Q-120-D
Susumu
R2, R3
43 , 1/4 W Chip Resistor
CRCW120643R0FKEA
Vishay
PCB
Rogers RO4350B, 0.030, r = 3.66, 1 oz.
Copper
D147587
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com