Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 27291SL
Description  Airfast RF Power LDMOS Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

27291SL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 27291SL Datasheet HTML 2Page - NXP Semiconductors 27291SL Datasheet HTML 3Page - NXP Semiconductors 27291SL Datasheet HTML 4Page - NXP Semiconductors 27291SL Datasheet HTML 5Page - NXP Semiconductors 27291SL Datasheet HTML 6Page - NXP Semiconductors 27291SL Datasheet HTML 7Page - NXP Semiconductors 27291SL Datasheet HTML 8Page - NXP Semiconductors 27291SL Datasheet HTML 9Page - NXP Semiconductors 27291SL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NXP Semiconductors
Data Sheet: Technical Data
6/20
A3T09S100N Airfast RF Power LDMOS Transistor, Rev. 0, March 2021
880 MHz Production Fixture — 3 5 (7.6 cm  12.7 cm)
Figure 5. A3T09S100N Production Fixture Component Layout — 880 MHz
A3T09S100N
Rev. 0
D134641
cut
out
area
VDD
VGG
R2
C9
C7
R1
B1
B2
R3
C8
C1
C6
C4
C14
C13
C18
C17
C16
C15
C 11
C10
C12
R4
C19
C2
C3
C5
L1
L2
aaa–040962
Table 7. A3T09S100N Production Fixture Component Designations and Values — 880 MHz
Part
Description
Part Number
Manufacturer
B1
Short RF Bead
2743019447
Fair-Rite
B2
Long RF Bead
2743021447
Fair-Rite
C1, C8, C14, C15
47 pF Chip Capacitor
100B470JT500XT
ATC
C2, C4, C13
0.8–8.0 pF Variable Capacitor, Gigatrim
27291SL
Johanson
C3
3.0 pF Chip Capacitor
100B3R0JT500XT
ATC
C5, C6
15 pF Chip Capacitor
100B150JT500XT
ATC
C7, C16, C17
10 F, 35 V Tantalum Capacitor
T491D106035AT
Kemet
C9
100 F, 50 V Electrolytic Capacitor
MCGPR50V107M8X11
Multicomp
C10, C11
12 pF Chip Capacitor
100B120JT500XT
ATC
C12
4.3 pF Chip Capacitor
100B4R3JT500XT
ATC
C18
0.56 F Chip Capacitor
C1825C564J5RACTU
Kemet
C19
470 F, 63 V Electrolytic Capacitor
MCGPR63V477M13X26
Multicomp
L1, L2
12.5 nH Inductor
A04TJLC
Coilcraft
R1
1k, 1/4 W Chip Resistor
CRCW12061001FKEA
Vishay
R2
560 k, 1/4 W Chip Resistor
CRCW12065600FKEA
Vishay
R3
12 , 1/4 W Chip Resistor
CRCW120612R0FKEA
Vishay
R4
27 , 1/4 W Chip Resistor
CRCW120627R0FKEA
Vishay
PCB
Taconic RF35, 0.030”, r = 3.5, 1 oz. Copper
D134641
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com