Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 27291SL
Description  Airfast RF Power LDMOS Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

27291SL Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 27291SL Datasheet HTML 9Page - NXP Semiconductors 27291SL Datasheet HTML 10Page - NXP Semiconductors 27291SL Datasheet HTML 11Page - NXP Semiconductors 27291SL Datasheet HTML 12Page - NXP Semiconductors 27291SL Datasheet HTML 13Page - NXP Semiconductors 27291SL Datasheet HTML 14Page - NXP Semiconductors 27291SL Datasheet HTML 15Page - NXP Semiconductors 27291SL Datasheet HTML 16Page - NXP Semiconductors 27291SL Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
NXP Semiconductors
Data Sheet: Technical Data
13 / 20
A3T09S100N Airfast RF Power LDMOS Transistor, Rev. 0, March 2021
Typical Characteristics — 136 MHz Reference Circuit
Figure 14. Output Power versus Gate--Source Voltage
0
Detail A
VGS, GATE--SOURCE VOLTAGE (VOLTS)
0.5
0.75
1.25
5
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
120
Detail A
12
3
3.5
100
80
60
40
20
0
Pin = 0.125 W
11.5
10
15
20
VDD = 28 Vdc, f = 136 MHz, CW
0.5
1.5
2.5
Pin = 0.0625 W
0.25
Pin = 0.125 W
Pin = 0.0625 W
VDD =28 Vdc
f = 136 MHz, CW
Pin, INPUT POWER (WATTS)
0
Gps
31
75
Pout
VDD =28 Vdc,IDQ = 450 mA, f = 136 MHz, CW
30
29
28
27
26
25
0.05
0.25
65
45
25
60
40
20
0
0.1
0.15
0.2
80
100
120
55
35
D
Figure 15. Power Gain, Output Power and Drain Efficiency versus Input Power
30.5
29.5
28.5
27.5
26.5
25.5
Pin, INPUT POWER (WATTS)
0
31
80
Pout
30
29
28
27
26
0.15
0.25
60
40
20
75
50
25
0
0.05
0.1
0.2
100
125
0
D
Gps
VDD =28 Vdc,IDQ = 450 mA, f = 136 MHz, CW
85_C
25_C
–40_C
85_C
TC = –40_C
25_C
–40_C
85_C
25_C
Figure 16. Power Gain, Output Power and Drain Efficiency versus Input Power over Temperature
30.5
29.5
28.5
27.5
26.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com