Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C978AVCW Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 19Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 20Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 21Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 22Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 23Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 24Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 25Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 26Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 256 page
background image
Am79C978A
23
When RST is active, REQ is an input for NAND
tree testing.
RST
Reset
Input
When RST is asserted LOW and the PG pin is HIGH,
then the Am79C978A controller performs an internal sys-
tem reset of the type H_RESET (HARDWARE_RESET,
see section on RESET). RST must be held for a minimum
of 30 clock periods. While in the H_RESET state, the
Am79C978A controller will disable or deassert all outputs.
RST may be asynchronous to clock when asserted or
deasserted.
When the PG pin is LOW, RST disables all of the PCI
pins except the PME pin.
When RST is LOW and PG is HIGH, NAND tree testing
is enabled.
SERR
System Error
Output
During any slave transaction, the Am79C978A control-
ler asserts SERR when it detects an address parity er-
ror, and reporting of the error is enabled by setting
PERREN (PCI Command register, bit 6) and SERREN
(PCI Command register, bit 8) to 1.
By default SERR is an open-drain output. For compo-
nent test, it can be programmed to be an active-high
totem-pole output.
When RST is active, SERR is an input for NAND
tree testing.
STOP
Stop
Input/Output
In slave mode, the Am79C978A controller drives the
STOP signal to inform the bus master to stop the cur-
rent transaction. In bus master mode, the Am79C978A
controller checks STOP to determine if the target wants
to disconnect the current transaction.
When RST is active, STOP is an input for NAND
tree testing.
TRDY
Target Ready
Input/Output
TRDY indicates the ability of the target of the transac-
tion to complete the current data phase. Wait states are
inserted until both IRDY and TRDY are asserted simul-
taneously. A data phase is completed on any clock
when both IRDY and TRDY are asserted.
When the Am79C978A controller is a bus master, it
checks TRDY during all read data phases to determine
if valid data is present on AD[31:0]. During all write data
phases, the device checks TRDY to determine if the
target is ready to accept the data.
When the Am79C978A controller is the target of a trans-
action, it asserts TRDY during all read data phases to in-
dicate that valid data is present on AD[31:0]. During all
write data phases, the device asserts TRDY to indicate
that it is ready to accept the data.
When RST is active, TRDY is an input for NAND
tree testing.
Magic Packet Interface
PME
Power Management Event
Output, Open Drain
PME is an output that can be used to indicate that a
power management event (a Magic Packet, an
OnNow pattern match, or a change in link state) has
been detected. The PME pin is asserted when either
1. PME_STATUS and PME_EN are both 1,
2. PME_EN_OVR and MPMAT are both 1, or
3. PME_EN_OVR and LCDET are both 1.
The PME signal is asynchronous with respect to the
PCI clock. See the Power Saving Mode section for
detailed description.
VAUXDET
Auxiliary Power Detect
Input
VAUXDET is used to sense the presence of the auxil-
iary power and correctly report the capability of assert-
ing PME signal in D3 cold. The VAUXDET pin should
be connected to the auxiliary power supply or to ground
through a resistor. If PCI power is used to power the de-
vice, a pull-down resistor is required. For systems that
provide auxiliary power, the VAUXDET pin should be
tied to auxiliary power through a pull-up resistor.
PG
Power Good
Input
The PG pin has two functions: (1) it puts the device into
Magic Packet mode, and (2) it blocks any resets when
the PCI bus power is off.
When PG is LOW and either MPPEN or MPMODE is
set to 1, the device enters Magic Packet mode.
When PG is LOW, a LOW assertion of the PCI RST pin
will only cause the PCI interface pins (except for PME)
to be put in the high impedance state. The internal logic
will ignore the assertion of RST.
When PG is HIGH, assertion of the PCI RST pin causes the
controller logic to be reset and the configuration information
to be loaded from the EEPROM.
Note: PG input should be kept high during NAND
tree testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com