| Electronic Components Datasheet Search |
|
AM79C978AVCW Datasheet(PDF) 61 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C978AVCW Datasheet(HTML) 61 Page - Advanced Micro Devices |
|
61 / 256 page ![]() Am79C978A 61 Am79C978A controller will poll the next TDTE. If the transmit descriptor OWN bit has a 0 value, the Am79C978A controller will resume incrementing the poll time counter. If the transmit descriptor OWN bit has a value of 1, the Am79C978A controller will begin filling the FIFO with transmit data and initiate a transmission. This end-of-operation poll coupled with the TDTE loo- kahead operation allows the Am79C978A controller to avoid inserting poll time counts between successive transmit frames. By default, whenever the Am79C978A controller completes a transmit frame (either with or without error) and writes the status information to the cur- rent descriptor, then the TINT bit of CSR0 is set to indicate the completion of a transmission. This causes an interrupt signal if the IENA bit of CSR0 has been set and the TINTM bit of CSR3 is cleared. TheAm79C978A controller provides two modes to reduce the number of transmit interrupts. The inter- rupt of a successfully transmitted frame can be sup- pressed by setting TINTOKD (CSR5, bit 15) to 1. Ano t her m ode , whic h is en ab l ed b y s e tti ng LTINTEN (CSR5, bit 14) to 1, allows suppression of interrupts for successful transmissions for all but the last frame in a sequence. Receive Descriptor Table Entry If the Am79C978A controller does not own both the current and the next Receive Descriptor Table Entry (RDTE), then the Am79C978A controller will continue to poll according to the polling sequence described above. If the receive descriptor ring length is one, then there is no next descriptor to be polled. If a poll operation has revealed that the current and the next RDTE belong to the Am79C978A controller, then additional poll accesses are not necessary. Future poll operations will not include RDTE accesses as long as the Am79C978A controller retains ownership of the current and the next RDTE. When receive activity is present on the channel, the Am79C978A controller waits for the complete address of the message to arrive. It then decides whether to ac- cept or reject the frame based on all active addressing schemes. If the frame is accepted, the Am79C978A controller checks the current receive buffer status reg- ister CRST (CSR41) to determine the ownership of the current buffer. If ownership is lacking, the Am79C978A controller will immediately perform a final poll of the current RDTE. If ownership is still denied, the Am79C978A controller has no buffer in which to store the incoming message. The MISS bit will be set in CSR0 and the Missed Frame Counter (CSR112) will be incremented. An- other poll of the current RDTE will not occur until the frame has finished. If the Am79C978A controller sees that the last poll (ei- ther a normal poll, or the final effort described in the above paragraph) of the current RDTE shows valid ownership, it proceeds to a poll of the next RDTE. Fol- lowing this poll, and regardless of the outcome of this poll, transfers of receive data from the FIFO may begin. Regardless of ownership of the second receive de- scriptor, the Am79C978A controller will continue to per- form receive data DMA transfers to the first buffer. If the frame length exceeds the length of the first buffer, and the Am79C978A controller does not own the second buffer, ownership of the current descriptor will be passed back to the system by writing a 0 to the OWN bit of RMD1. Status will be written indicating buffer (BUFF = 1) and possibly overflow (OFLO = 1) errors. If the frame length exceeds the length of the first (cur- rent) buffer, and the Am79C978A controller does own the second (next) buffer, ownership will be passed back to the system by writing a 0 to the OWN bit of RMD1 when the first buffer is full. The OWN bit is the only bit modified in the descriptor. Receive data trans- fers to the second buffer may occur before the Am79C978A controller proceeds to look ahead to the ownership of the third buffer. Such action will depend upon the state of the FIFO when the OWN bit has been updated in the first descriptor. In any case, lookahead will be performed to the third buffer and the information gathered will be stored in the chip, regardless of the state of the ownership bit. This activity continues until the Am79C978A controller recognizes the completion of the frame (the last byte of this receive message has been removed from the FIFO). TheAm79C978A controller will subsequently update the current RDTE status with the end of frame (ENP) indication set, write the message byte count (MCNT) for the entire frame into RMD2, and overwrite the “current” entries in the CSRs with the “next” entries. Receive Frame Queuing The Am79C978A controller suppor ts the lack of RDTEs when SRAM (SRAM SIZE in BCR 25, bits 7-0) is enabled through the Receive Frame Queuing mech- anism. When the S R A M SIZ E = 0, t hen the Am79C978A controller reverts back to the PCnet-PCI II mode of operation. This operation is automatic and does not require any programming by the host. When SRAM is enabled, the Receive Frame Queuing mech- anism allows a slow protocol to manage more frames without the high frame loss rate normally attributed to FIFO-based network controllers. The Am79C978A controller will store the incoming frames in the extended FIFOs until polling takes place, if enabled and it discovers it owns an RDTE. The stored frames are not altered in any way until written out into system buffers. When the receive FIFO overflows, fur- ther incoming receive frames will be missed during that |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |