Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C978AVCW Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 79Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 80Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 81Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 82Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 83Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 84Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 85Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 86Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 256 page
background image
Am79C978A
83
EEPROM Interface
The controller contains a built-in capability for reading
and writing to an external serial 93C46 EEPROM. This
built-in capability consists of an interface for direct con-
nection to a 93C46 compatible EEPROM, an automatic
EEPROM read feature, and a user-programmable reg-
ister that allows direct access to the interface pins.
Automatic EEPROM Read Operation
Shortly after the deassertion of the RST pin, the controller
will read the contents of the EEPROM that is attached to
the interface. Because of this automatic-read capability of
the controller, an EEPROM can be used to program many
of the features of the controller at power-up, allowing sys-
tem-dependent configuration information to be stored in
the hardware instead of inside the device driver.
If an EEPROM exists on the interface, the controller will
read the EEPROM contents at the end of the H_RESET
operation. The EEPROM contents will be serially shifted
into a temporary register and then sent to various register
locations on board the controller. Access to the
Am79C978A configuration space, the Expansion ROM,
or any I/O resource is not possible during the EEPROM
read operation. The controller will terminate any access
attempt with the assertion of DEVSEL and STOP while
TRDY is not asserted, signaling to the initiator to discon-
nect and retry the access at a later time.
A checksum verification is performed on the data that is
read from the EEPROM. If the checksum verification
passes, PVALID (BCR19, bit 15) will be set to 1. If the
checksum verification of the EEPROM data fails, PVALID
will be cleared to 0, and the controller will force all EE-
PROM-programmable BCR registers back to their
H_RESET default values. However, the content of the
Address PROM locations (offsets 0h - Fh from the I/O or
memory mapped I/O base address) will not be cleared.
The 8-bit checksum for the entire 82 bytes of the
EEPROM should be FFh.
If no EEPROM is present at the time of the automatic read
operation, the controller will recognize this condition,
abort the automatic read operation, and clear both the
PREAD and PVALID bits in BCR19. All EEPROM-pro-
grammable BCR registers will be assigned their default
values after H_RESET. The content of the Address
PROM locations (offsets 0h - Fh from the I/O or memory
mapped I/O base address) will be undefined.
EEPROM Auto-Detection
The controller uses the EESK/LED1 pin to determine if
an EEPROM is present in the system. At the rising edge
of CLK during the last clock during which RST is as-
serted, the controller will sample the value of the EESK/
LED1 pin. If the sampled value is a 1, then the controller
assumes that an EEPROM is present, and the EE-
PROM read operation begins shortly after the RST pin is
deasserted. If the sampled value of EESK/LED1 is a 0.
the controller assumes that an external pull-down device
is holding the EESK/LED1 pin low, indicating that there
is no EEPROM in the system. Note that if the designer
creates a system that contains an LED circuit on the
EESK/LED1 pin, but has no EEPROM present, then the
EEPROM auto-detection function will incorrectly con-
clude that an EEPROM is present in the system. How-
ever, this will not pose a problem for the controller, since
the checksum verification will fail.
Direct Access to the Interface
The user may directly access the port through the
EEPROM register, BCR19. This register contains bits
that can be used to control the interface pins. By per-
forming an appropriate sequence of accesses to
BCR19, the user can effectively write to and read from
the EEPROM. This feature may be used by a system
configuration utility to program hardware configuration
information into the EEPROM.
EEPROM-Programmable Registers
The following registers contain configuration informa-
tion that will be programmed automatically during the
EEPROM read operation:
n I/O offsets 0h-Fh Address PROM locations
n BCR2
Miscellaneous Configuration
n BCR4
LED0 Status
n BCR5
LED1 Status
n BCR6
LED2 Status
n BCR7
LED3 Status
n BCR9
Full-Duplex Control
n BCR18
Burst and Bus Control
n BCR22
PCI Latency
n BCR23
PCI Subsystem Vendor ID
n BCR24
PCI Subsystem ID
n BCR25
SRAM Size
n BCR26
SRAM Boundary
n BCR27
SRAM Interface Control
n BCR32
PHY Control and Status
n BCR33
PHY Address
n BCR35
PCI Vendor ID
n BCR36
PCI Power Management
Capabilities (PMC) Alias
Register
n BCR37
PCI DATA Register 0 (DATA0)
Alias Register
n BCR38
PCI DATA Register 1 (DATA1)
Alias Register
n BCR39
PCI DATA Register 2 (DATA2)
Alias Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com