Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C978AVCW Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 34Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 35Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 36Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 37Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 38Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 39Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 40Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 41Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 256 page
background image
38
Am79C978A
Figure 11.
Address Parity Error Response
During the data phase of an I/O write, memory-mapped
I/O write, or configuration write command that selects
the Am79C978A controller as target, the device sam-
ples the AD[31:0] and C/BE[3:0] lines for parity on the
clock edge, and data is transferred as indicated by the
assertion of IRDY and TRDY. PAR is sampled in the fol-
lowing clock cycle. If a parity error is detected and re-
porting of that error is enabled by setting PERREN
(PCI Command register, bit 6) to 1, PERR is asserted
one clock later. The parity error will always set PERR
(PCI Status register, bit 15) to 1 even when PERREN
is cleared to 0. The Am79C978A controller will finish a
transaction that has a data parity error in the normal
way by asserting TRDY. The corrupted data will be writ-
ten to the addressed location.
Figure 12 shows a transaction that suffered a parity
error at the time data was transferred (clock 7, IRDY
and TRDY are both asserted). PERR is driven high at
the beginning of the data phase and then drops low due
to the parity error on clock 9, two clock cycles after the
data was transferred. After PERR is driven low, the
Am79C978A controller drives PERR high for one clock
cycle, since PERR is a sustained tri-state signal.
Figure 12.
Slave Cycle Data Parity Error Response
FRAME
CLK
AD
SERR
C/BE
DEVSEL
1
2345
PAR
PAR
ADDR
1st DATA
BE
CMD
PAR
22399A-14
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
PAR
ADDR
CMD
PAR
1
2345678
10
9
DATA
PAR
BE
PERR
22399A-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com