Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C978AVCW Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 91Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 92Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 93Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 94Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 95Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 96Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 97Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 98Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 256 page
background image
Am79C978A
95
I/O Resources
The Am79C978A controller requires 32 bytes of ad-
dress space for access to all the various internal reg-
isters as well as to some setup information stored in
an external serial EEPROM. A software reset port is
available, too.
The Am79C978A controller supports mapping the ad-
dress space to both I/O and memory space. The value
in the PCI I/O Base Address register determines the
start address of the I/O address space. The register is
typically programmed by the PCI configuration utility
after system power-up. The PCI configuration utility
must also set the IOEN bit in the PCI Command register
to enable I/O accesses to the Am79C978A controller.
For memory mapped I/O access, the PCI Memory
Mapped I/O Base Address register controls the start
address of the memory space. The MEMEN bit in the
PCI Command register must also be set to enable the
mode. Both base address registers can be active at the
same time.
The Am79C978A controller supports two modes for
accessing the I/O resources. For backwards compat-
ibility with AMD’s 16-bit Ethernet controllers, Word I/O
is the default mode after power up. The device can be
configured to DWord I/O mode by software.
I/O Registers
The Am79C978A controller registers are divided into
two groups. The Control and Status Registers (CSR)
are used to configure the Ethernet MAC engine and to
obtain status information. The Bus Control Registers
(BCR) are used to configure the bus interface unit and
the LEDs. Both sets of registers are accessed using
indirect addressing.
The CSR and BCR share a common Register Address
Port (RAP). There are, however, separate data ports.
The Register Data Port (RDP) is used to access a CSR.
The BCR Data Port (BDP) is used to access a BCR.
In order to access a particular CSR location, the RAP
should first be written with the appropriate CSR ad-
dress. The RDP will then point to the selected CSR. A
read of the RDP will yield the selected CSR data. A write
to the RDP will write to the selected CSR. In order to
access a particular BCR location, the RAP should first
be written with the appropriate BCR address. The BDP
will then point to the selected BCR. A read of the BDP
will yield the selected BCR data. A write to the BDP will
write to the selected BCR.
Once the RAP has been written with a value, the RAP
value remains unchanged until another RAP write oc-
curs, or until an H_RESET or S_RESET occurs. RAP
is cleared to all 0s when an H_RESET or S_RESET
occurs. RAP is unaffected by setting the STOP bit.
Address PROM Space
The Am79C978A controller allows for connection of a se-
rial EEPROM. The first 16 bytes of the EEPROM will be
automatically loaded into the Address PROM (APROM)
space after H_RESET. Additionally, the first six bytes of
the EEPROM will be loaded into CSR12 to CSR14. The
Address PROM space is a convenient place to store the
value of the 48-bit IEEE station address. It can be over-
written by the host computer, and its content has no effect
on the operation of the Am79C978A controller. The soft-
ware must copy the station address from the Address
PROM space to the initialization block in order for the re-
ceiver to accept unicast frames directed to this station.
The six bytes of the IEEE station address occupy the
first six locations of the Address PROM space. The next
six bytes are reserved. Bytes 12 and 13 should match
the value of the checksum of bytes 1 through 11 and 14
and 15. Bytes 14 and 15 should each be ASCII “W”
(57h). The above requirements must be met in order to
be compatible with AMD driver software. APROMWE
bit (BCR2, bit 8) must be set to 1 to enable write access
to the Address PROM space.
Reset Register
A read of the Reset register creates an internal software
reset (S_RESET) pulse in the Am79C978A controller.
The internal S_RESET pulse that is generated by this
access is different from both the assertion of the hard-
ware RST pin (H_RESET) and from the assertion of the
software STOP bit. Specifically, S_RESET is the equiv-
alent of the assertion of the RST pin (H_RESET) except
that S_RESET has no effect on the BCR or PCI Con-
figuration space locations.
The NE2100 LANCE-based family of Ethernet cards re-
quires that a write access to the Reset register follows
each read access to the Reset register. The Am79C978A
controller does not have a similar requirement. The write
access is not required and does not have any effect.
Note: The Am79C978A controller cannot service any
slave accesses for a very short time after a read access
of the Reset register, because the internal S_RESET
operation takes about 1 ms to finish. The Am79C978A
controller will terminate all slave accesses with the as-
sertion of DEVSEL and STOP while TRDY is not as-
serted, signaling to the initiator to disconnect and retry
the access at a later time.
Word I/O Mode
After H_RESET, the Am79C978A controller is pro-
grammed to operate in Word I/O mode. DWIO (BCR18,
bit 7) will be cleared to 0. Table 27 shows how the 32 bytes
of address space are used in Word I/O mode.
All I/O resources must be accessed in word quantities
and on word addresses. The Address PROM locations
can also be read in byte quantities. The only allowed
DWord operation is a write access to the RDP, which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com