Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C978AVCW Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 36Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 37Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 38Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 39Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 40Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 41Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 42Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 43Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 256 page
background image
40
Am79C978A
Am79C978A controller supports zero wait state read
cycles. It asserts IRDY immediately after the address
phase and at the same time starts sampling DEVSEL.
Figure 14 shows two non-burst read transactions. The
first transaction has zero wait states. In the second
transaction, the target extends the cycle by asserting
TRDY one clock later.
Basic Burst Read Transfer
The Am79C978A controller supports burst mode for
all bus master read operations. The burst mode
must be enabled by setting BREADE (BCR18, bit
6). To allow burst transfers in descriptor read oper-
ations, the Am79C978A controller must also be pro-
grammed to use SWSTYLE 3 (BCR20, bits 7-0). All
burst read accesses to the initialization block and
descriptor ring are of the PCI command type Mem-
ory Read (type 6). Burst read accesses to the trans-
mit buffer typically are longer than two data phases.
When MEMCMD (BCR18, bit 9) is cleared to 0, all
burst read accesses to the transmit buffer are of the
PCI command type Memory Read Line (type 14).
When MEMCMD (BCR18, bit 9) is set to 1, all burst
read accesses to the transmit buffer are of the PCI
command type Memory Read Multiple (type 12).
AD[1:0] will both be 0 during the address phase in-
dicating a linear burst order. Note that during a
burst read operation, all byte lanes will always be
active. The Am79C978A controller will internally
discard unneeded bytes.
The Am79C978A controller will always perform only a
single burst read transaction per bus mastership pe-
riod, where transaction is defined as one address
ph as e an d o n e or mul t i p l e da ta p h a s es. T h e
Am79C978A controller supports zero wait state read
cycles. It asserts IRDY immediately after the address
phase and at the same time starts sampling DEVSEL.
FRAME is deasserted when the next to last data phase
is completed.
Figure 15 shows a typical burst read access. The
Am79C978A controller arbitrates for the bus, is
granted access, reads three 32-bit words (DWord)
from the system memory, and then releases the bus.
In the example, the memory system extends the data
phase of each access by one wait state. The exam-
ple assumes that EXTREQ (BCR18, bit 8) is cleared
to 0, therefore, REQ is deasserted in the same cycle
as FRAME is asserted.
Figure 14.
Non-Burst Read Transfer
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
ADDR
0110
PAR
1
2345678
10
9
11
DATA
ADDR
DATA
PAR
PAR
PAR
0000
0110
0000
22399A-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com