| Electronic Components Datasheet Search |
|
AM79C978AVCW Datasheet(PDF) 57 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C978AVCW Datasheet(HTML) 57 Page - Advanced Micro Devices |
|
57 / 256 page ![]() Am79C978A 57 When FASTSPNDE is 0 and the SPND bit is set, the Am79C978A controller may take longer before enter- ing the suspend mode. At the time the SPND bit is set, the Am79C978A controller will complete the DMA pro- cess of a transmit packet if it had already begun, and the Am79C978A controller will completely receive a re- ceive packet if it had already begun. TheAm79C978A controller will not receive any new packets after the completion of the current reception. Additionally, all transmit packets stored in the transmit FIFOs and the transmit buffer area in the SRAM (if one is present) will be transmitted, and all receive packets stored in the re- ceive FIFOs and the receive buffer area in the SRAM (if selected) will be transferred into system memory. Since the FIFO and the SRAM contents are flushed, it may take much longer before the Am79C978A control- ler enters the suspend mode. The amount of time that it takes depends on many factors including the size of the SRAM, bus latency, and network traffic level. Upon completion of the described operations, the Am79C978A controller sets the read-version of SPND to 1 and enters the suspend mode. In suspend mode, all of the CSR and BCR registers are accessible. As long as the Am79C978A controller is not reset while in suspend mode (by H_RESET, S_RESET, or by setting the STOP bit), no re-initialization of the device is re- quired after the device comes out of suspend mode. When SPND is set to 0, the Am79C978A controller will leave the suspend mode and will continue at the trans- mit and receive descriptor ring locations where it was when it entered the suspend mode. See the section on Magic Packet technology for de- tails on how that affects suspension of the integrated Ethernet controller. Buffer Management Buffer management is accomplished through mes- sage descriptor entries organized as ring structures in memory. There are two descriptor rings, one for transmit and one for receive. Each descriptor de- scribes a single buffer. A frame may occupy one or more buffers. If multiple buffers are used, this is re- ferred to as buffer chaining. Descriptor Rings Each descriptor ring must occupy a contiguous area of memory. During initialization, the user-defined base address for the transmit and receive descriptor rings, as well as the number of entries contained in the de- scriptor rings are set up. The programming of the soft- ware style (SWSTYLE, BCR20, bits 7-0) affects the way the descriptor rings and their entries are arranged. When SWSTYLE is at its default value of 0, the de- scriptor rings are backwards compatible with the Am79C90 C-LANCE and the Am79C96x PCnet-ISA family. The descriptor ring base addresses must be aligned to an 8-byte boundary and a maximum of 128 ring entries is allowed when the ring length is set through the TLEN and RLEN fields of the initialization block. Each ring entry contains a subset of the three 32-bit transmit or receive message descriptors (TMD, RMD) that are organized as four 16-bit structures (SSIZE32 (BCR20, bit 8) is set to 0). Note that even though the Am79C978A controller treats the descriptor entries as 16-bit structures, it will always perform 32-bit bus transfers to access the descriptor entries. The value of CSR2, bits 15-8, is used as the upper 8-bits for all memory addresses during bus master transfers. When SWSTYLE is set to 2 or 3, the descriptor ring base addresses must be aligned to a 16-byte bound- ary, and a maximum of 512 ring entries is allowed when the ring length is set through the TLEN and RLEN fields of the initialization block. Each ring entry is organized as three 32-bit message descriptors (SSIZE32 (BCR20, bit 8) is set to 1). The fourth DWord is re- served. When SWSTYLE is set to 3, the order of the message descriptors is optimized to allow read and write access in burst mode. For any software style, the ring lengths can be set beyond this range (up to 65535) by writing the trans- mit an d receive ring len gth registers (CSR76, CSR78) directly. Each ring entry contains the following information: n The address of the actual message data buffer in user or host memory n The length of the message buffer n Status information indicating the condition of the buffer To permit the queuing and de-queuing of message buffers, ownership of each buffer is allocated to either the Am79C978A controller or the host. The OWN bit within the descriptor status information, either TMD or RMD, is used for this purpose. When OWN is set to 1, it signifies that the Am79C978A controller currently has ownership of this ring descrip- tor and its associated buffer. Only the owner is permit- ted to relinquish ownership or to write to any field in the descriptor entry. A device that is not the current owner of a descriptor entry cannot assume ownership or change any field in the entry. A device may, however, read from a descriptor that it does not currently own. Software should always read descriptor entries in se- quential order. When software finds that the current de- scriptor is owned by the Am79C978A controller, then the software must not read ahead to the next descrip- tor. The software should wait at a descriptor it does not own until the Am79C978A controller sets OWN to 0 to release ownership to the software. When LAPPEN (CSR3, bit 5) is set to 1, this rule is modified. See the LAPPEN description. At initialization, the Am79C978A controller reads the base address of both the transmit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |