Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6250 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 48Page - Texas Instruments TUSB6250 Datasheet HTML 49Page - Texas Instruments TUSB6250 Datasheet HTML 50Page - Texas Instruments TUSB6250 Datasheet HTML 51Page - Texas Instruments TUSB6250 Datasheet HTML 52Page - Texas Instruments TUSB6250 Datasheet HTML 53Page - Texas Instruments TUSB6250 Datasheet HTML 54Page - Texas Instruments TUSB6250 Datasheet HTML 55Page - Texas Instruments TUSB6250 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 124 page
background image
8−11
SLLS535A − January 2004
TUSB6250
is already a WAKCLK interrupt in the queue. This avoids the MCU being interrupted by too many WAKCLK
interrupts.
•
Following the same guide line, when consecutive status change events happen:
•
If the source of the new status change event that occurred is different from the ones that already
occurred, the new status change event is logged in the corresponding status change bit of the
USBWKUP register. For example, if the CDCHG bit is already set, but VBUSCHG bit is not set, a new
VBUS status change causes the VBUSCHG bit to be set, although it might not trigger a new WAKCLK
interrupt if the current WAKCLK interrupt is still in the queue.
•
If the source of the new status change event occurred is the same as the ones that already occurred,
the new status change event is ignored. For example, if CDCHG bit is still set, but a new CDCHG event
is detected, the new CDCHG status change event is ignored. This avoids unnecessary changes in the
status change bits of the USBWKUP register caused by redundant status change events.
•
For detailed information regarding the WAKCLK interrupt, see section 8.3.20.
•
Even if the WAKCLK interrupt is not enabled, the status change events can still be observed by polling
the MCUCNFG register, as long as the event detection is enabled in the MCUCNFG register.
The CD1STEN and CD2STEN bits in the MCUCNFG register can be individually enabled for separate wakeup
event detection. However, since these two bits share the same status change indication bit (CDCHG) in the
USB wakeup reason register, clearing one interrupt source results in the interrupt source indication of the other
being cleared at the same time.
To avoid missing status changes on the port 3 GPIO, especially in the suspend condition in which the clock
may be shut down, the following two sets of circuitries are used for generating the four status change bits (bit
7 to 4).
•
De-bounced status change circuitry is used whenever the clock is available and stable. The de-bouncing
time interval is 1.28 ms, which means that only switching lasting longer than 1.28 ms is considered a valid
logic transition on the related port3 GPIO pin.
•
Asynchronously-triggered status change circuitry is used to latch the change event when the remote
wakeup is disabled and the low-power enable is true (LPEN bit in USBCTL is set), while the TUSB6250
is in the suspend state.
Bits [3:0] provide the de-bounced read-only value of the current logic level on the corresponding GPIO pins
of port3. The de-bouncing time interval is 1.28 ms.
The USBWKUP register is cleared by a power-up reset or a WDT reset. A USB reset can not clear the
USBWKUP register.
765
43210
P35CHG
P34CHG
VBUSCHG
CDCHG
P35ST
P34ST
CD2ST
CD1ST
R/C
R/C
R/C
R/C
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
0
CD1ST
1
Compact flash card/media detection CD1 status bit. This bit represents the de-bounced status value
on the CD1 pin.
CD1ST = 1 CF card/media is not inserted.
CD1ST = 0 CF card/media may be inserted (a firm insertion depends on the status on both media
detection pins).
1
CD2ST
1
Compact flash card/media detection CD2 status bit. This bit represents the de-bounced status value
on the CD2 pin.
CD2ST = 1 CF card/media is not inserted.
CD2ST = 0 CF card/media may be inserted (a firm insertion depends on the status on both media
detection pins).
2
P34ST
0
P3.4 status bit. This bit represents the de-bounced status value on the P3.4 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com