Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6250 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 79Page - Texas Instruments TUSB6250 Datasheet HTML 80Page - Texas Instruments TUSB6250 Datasheet HTML 81Page - Texas Instruments TUSB6250 Datasheet HTML 82Page - Texas Instruments TUSB6250 Datasheet HTML 83Page - Texas Instruments TUSB6250 Datasheet HTML 84Page - Texas Instruments TUSB6250 Datasheet HTML 85Page - Texas Instruments TUSB6250 Datasheet HTML 86Page - Texas Instruments TUSB6250 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
ATA/ATAPI Interface Port
11−2
SLLS535A − January 2004
TUSB6250
11.1 TUSB6250 ATA Controller Architecture Overview
The TUSB6250 ATA/ATAPI controller contains three state machines, the ATA/ATAPI CSR registers, and the
sector FIFO controller, as illustrated in Figure 11−2. The sector FIFO controller is the high-performance DMA
engine discussed in the previous section.
Ultra DMA
State Machine
PIO-DMA
State Machine
Transaction
State Machine
Sector FIFO
RAM
TUSB6250 ATA/ATAPI Controller
Sector FIFO
Controller
ATA/ATAPI
CSR Registers
ATA/ATAPI
Port
MCU
Figure 11−2. TUSB6250 ATA/ATAPI Controller Block Diagram
11.1.1
ATA/ATAPI Controller State Machine
The following state machines are responsible for command and data transfer between the ATA/ATAPI
interface port and the TUSB6250 internal logic.
•
Transaction state machine—The transaction state machine handles command level transactions. It
also controls the PIO-DMA state machine and the ultra DMA state machine to perform actual data transfer
between the TUSB6250 internal logic and the ATA/ATAPI interface port.
•
PIO-DMA state machine—The PIO-DMA state machine handles PIO transfers and multiword DMA
transfers.
•
Ultra DMA state machine—The ultra DMA state machine handles ultra DMA transfers.
11.1.2
Sector FIFO Controller
As described in section 6.1 MCU Memory Map, the sector FIFO RAM is used as the data buffer for the data
being transferred between the TUSB6250’s ATA/ATAPI interface and the USB interface in the automatic data
transfer mode. The name sector FIFO, implies it is derived from the data buffer for the sector data of an ATA
hard-disk drive, although the sector FIFO of the TUSB6250 can actually be used for either ATA or ATAPI data
buffering in the automatic data transfer mode. The TUSB6250 features a unique size-configurable sector FIFO
to allow efficient code and data space usage. The sector FIFO size can be partitioned as 8K bytes, 24K bytes,
or 32K bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com