Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6250 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 16Page - Texas Instruments TUSB6250 Datasheet HTML 17Page - Texas Instruments TUSB6250 Datasheet HTML 18Page - Texas Instruments TUSB6250 Datasheet HTML 19Page - Texas Instruments TUSB6250 Datasheet HTML 20Page - Texas Instruments TUSB6250 Datasheet HTML 21Page - Texas Instruments TUSB6250 Datasheet HTML 22Page - Texas Instruments TUSB6250 Datasheet HTML 23Page - Texas Instruments TUSB6250 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
Architecture Overview
5−1
SLLS535A − January 2004
TUSB6250
5
Architecture Overview
The overall functionality of the TUSB6250 is achieved by the combined interaction of major blocks or
subcontrollers as shown earlier in Figure 3−1. These major blocks include the USB 2.0 UTMI-compliant PHY,
USB 2.0 parallel interface engine (PIE), embedded microcontroller unit (MCU), USB buffer manager (UBM),
ATA/ATAPI interface controller, and the I2C interface controller.
5.1
Controller Brief Data Flow
As shown in Figure 5−1, the USB host controller, residing inside a PC, issues command and/or data to the
TUSB6250 based external USB 2.0 mass storage device. The TUSB6250’s internal data flow is described
below (out transaction example):
1.
The USB 2.0 UTMI-compliant PHY receives serial data, either high-speed or full-speed, from the external
upstream USB host controller. The PHY processes this serial data stream and converts it into the 8-bit
wide parallel data packet based on the protocol defined in the USB 2.0 specification and the UTMI
specification.
2.
The 8-bit wide parallel data packet, switching at 60-MHz, is passed to the USB 2.0 PIE block. The USB
2.0 PIE processes the data based on the defined USB packet protocol and passes the data to the UBM
block.
3.
The UBM performs the device function, the endpoint address decoding, and then decides to pass the data
packet to the addressed data buffer location, which is either the endpoint buffer space or the sector FIFO
space configured by the MCU and its firmware. The section FIFO is the dedicated data buffer space
directly accessible by the TUSB6250 controller’s internal high-performance ATA/ATAPI interface
controller. The UBM also generates the appropriate interrupt to inform the MCU of the arrival of the new
packet.
4.
The embedded MCU, with its firmware, chooses whether to use the MCU to manually move the data
between the endpoint buffer and the ATA/ATAPI interface, or enables the automatic data movement
between sector FIFO and the ATA/ATAPI interface.
5.
If the automatic data movement path is enabled, the data packet targeted to the storage device is loaded
automatically from the UBM into sector FIFO.
6.
The ATA/ATAPI interface controller, which is a high-performance DMA engine, automatically moves the
data from sector FIFO to the storage device connected to its ATA/ATAPI interface with the data transfer
protocol and timing configured by the MCU and the firmware.
USB
Host
TUSB6250
ATA or ATAPI
Drive
Figure 5−1. TUSB6250 Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com