Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6250 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 18Page - Texas Instruments TUSB6250 Datasheet HTML 19Page - Texas Instruments TUSB6250 Datasheet HTML 20Page - Texas Instruments TUSB6250 Datasheet HTML 21Page - Texas Instruments TUSB6250 Datasheet HTML 22Page - Texas Instruments TUSB6250 Datasheet HTML 23Page - Texas Instruments TUSB6250 Datasheet HTML 24Page - Texas Instruments TUSB6250 Datasheet HTML 25Page - Texas Instruments TUSB6250 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 124 page
background image
Architecture Overview
5−3
SLLS535A − January 2004
TUSB6250
The transaction handler manages the USB packet protocol requirement for the packets being received and
transmitted on the USB bus by the TUSB6250. For the received packet, the transaction handler checks the
packet identifier (PID) field to reveal the correct packet type from those defined by the USB 2.0 specification,
such as token, data, handshake, and special packets. It then checks the address, endpoint number, and the
CRC to ensure the received packet is a valid one being addressed to one of the enabled endpoints in the
TUSB6250 controller. If the received packet is a data packet, it first notifies the UBM with the endpoint address
and direction information of the incoming data packet and then passes the followed data payload. For the
packet being transmitted, the transaction handler gets the data from the UBM and generates the correct PID
and CRC as part of the transmit packet to be transmitted along with the data payload to the USB host. The
synchronization field (SYNC) is generated by the PHY. For the handshake packet, the UBM tells the
transaction handler what kind of handshake packet to send, as long as the CRC is valid. The transaction
handler then performs the task of sending the required handshake packet.
5.2.3 USB Buffer Manager (UBM)
The UBM is a high-performance DMA engine that manages the data movement between the transaction
handler and the TUSB6250’s endpoint data buffer or sector FIFO (used by the ATA/ATAPI interface controller
for high-speed data transfer between the TUSB6250 controller and the storage device connected to its
ATA/ATAPI interface). For received packets, the UBM checks the endpoint address, direction information, and
loads (writes) the data payload into the appropriate endpoint’s data buffer or sector FIFO in the TUSB6250
controller. For the packet being transmitted, the UBM decodes the valid endpoint address, direction
information from the token packet provided by the transaction handler, and performs a read to the correct
endpoint data buffer or sector FIFO location in the TUSB6250 controller. The read-data is then passed to the
transaction handler to be processed and transferred to the USB host.
5.2.4 Embedded Microcontroller Unit (MCU)
The integrated MCU in the TUSB6250 controller is a high-speed 8-bit microcontroller core based on the
industry standard 8051 with certain improvements. The MCU operates at 60-MHz clock frequency with up to
30 MIPS performance.
The main functionality of the embedded MCU core of the TUSB6250 controller is to serve as a central
processing platform to allow the boot code (the microcode running at boot time) and firmware to accomplish
the device configuration and the activity control function by configuring and updating all the registers in the
MCU, USB, ATA/ATAPI, I2C, and the GPIO blocks.
5.2.5 ATA/ATAPI Interface Controller
The ATA/ATAPI interface controller is a high-performance DMA engine that continuously monitors the status
and manages the data movement between sector FIFO and the ATA/ATAPI storage device connected to the
TUSB6250’s ATA/ATAPI interface, based on the ATA/ATAPI timing and protocol defined by the ATA/ATAPI-5
specification.
The ATA/ATAPI interface controller of the TUSB6250 controller offers both the flexibility of general MCU based
bridge controllers and the performance of state machine based bridge controllers. It allows the MCU to
manually move the data between the endpoint data buffer and the ATA/ATAPI interface, while providing a
high-performance automatic data movement mode, in which, the ATA/ATAPI interface controller and the UBM
work together to quickly move the data between the UBM, sector FIFO, and the ATA/ATAPI interface without
MCU involvement during the data stage of the bulk-only data transfer.
Some of the flexibilities offered by the TUSB6250’s ATA/ATAPI interface controller include:
•
Firmware configurable IDE data transfer modes and timing that can be configured in the resolution of the
60-MHz clock cycle period, and
•
Many hardware registers that provide information to assist the MCU to handle all 13 case conditions
correctly defined by the USB mass storage bulk-only transfer protocol specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com