| Electronic Components Datasheet Search |
|
TUSB6250 Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB6250 Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 124 page ![]() Microcontroller Unit (MCU) 6−5 SLLS535A − January 2004 TUSB6250 Table 6−2. Memory Mapped Registers Summary (XDATA Range: F000 → F0F9) (Continued) ADDRESS REGISTER NAME DESCRIPTION F028 OEPCNFG_2 Output endpoint_2 configuration register F029 OEPBBADRX_2 Output endpoint_2 X buffer base address register F02A OEPBCNLX_2 Output endpoint_2 X buffer byte count low-byte register F02B OEPBCNHX_2 Output endpoint_2 X buffer byte count high-byte register F02C OEPSIZXY_2 Output endpoint_2 X/Y buffer size register F02D OEPBBADRY_2 Output endpoint_2 Y buffer base address register F02E OEPBCNLY_2 Output endpoint_2 Y buffer byte count low-byte register F02F OEPBCNHY_2 Output endpoint_2 Y buffer byte count high-byte register F030 IEPCNFG_3 Input endpoint_3 configuration register F031 IEPBBADRX_3 Input endpoint_3 X buffer base address register F032 IEPBCNLX_3 Input endpoint_3 X buffer byte count low-byte register F033 IEPBCNHX_3 Input endpoint_3 X buffer byte count high-byte register F034 IEPSIZXY_3 Input endpoint_3 X/Y buffer size register F035 IEPBBADRY_3 Input endpoint_3 Y buffer base address register F036 IEPBCNLY_3 Input endpoint_3 Y buffer byte count low-byte register F037 IEPBCNHY_3 Input endpoint_3 Y buffer byte count high-byte register F038 OEPCNFG_3 Output endpoint_3 configuration register F039 OEPBBADRX_3 Output endpoint_3 X buffer base address register F03A OEPBCNLX_3 Output endpoint_3 X buffer byte count low-byte register F03B OEPBCNHX_3 Output endpoint_3 X buffer byte count high-byte register F03C OEPSIZXY_3 Output endpoint_3 X/Y buffer size register F03D OEPBBADRY_3 Output endpoint_3 Y buffer base address register F03E OEPBCNLY_3 Output endpoint_3 Y buffer byte count low-byte register F03F OEPBCNHY_3 Output endpoint_3 Y buffer byte count high-byte register F040 IEPCNFG_4 Input endpoint_4 configuration register F041 IEPBBADRX_4 Input endpoint_4 X buffer base address register F042 IEPBCNLX_4 Input endpoint_4 X buffer byte count low-byte register F043 IEPBCNHX_4 Input endpoint_4 X buffer byte count high-byte register F044 IEPSIZXY_4 Input endpoint_4 X/Y buffer size register F045 IEPBBADRY_4 Input endpoint_4 Y buffer base address register F046 IEPBCNLY_4 Input endpoint_4 Y buffer byte count low-byte register F047 IEPBCNHY_4 Input endpoint_4 Y buffer byte count high-byte register F048 OEPCNFG_4 Output endpoint_4 configuration register F049 OEPBBADRX_4 Output endpoint_4 X buffer base address register F04A OEPBCNLX_4 Output endpoint_4 X buffer byte count low-byte register F04B OEPBCNHX_4 Output endpoint_4 X buffer byte count high-byte register F04C OEPSIZXY_4 Output endpoint_4 X/Y buffer size register F04D OEPBBADRY_4 Output endpoint_4 Y buffer base address register F04E OEPBCNLY_4 Output endpoint_4 Y buffer byte count low-byte register F04F OEPBCNHY_4 Output endpoint_4 Y buffer byte count high-byte register F050 Reserved ↓ Reserved F07F Reserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |