Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6250 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 88Page - Texas Instruments TUSB6250 Datasheet HTML 89Page - Texas Instruments TUSB6250 Datasheet HTML 90Page - Texas Instruments TUSB6250 Datasheet HTML 91Page - Texas Instruments TUSB6250 Datasheet HTML 92Page - Texas Instruments TUSB6250 Datasheet HTML 93Page - Texas Instruments TUSB6250 Datasheet HTML 94Page - Texas Instruments TUSB6250 Datasheet HTML 95Page - Texas Instruments TUSB6250 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 124 page
background image
ATA/ATAPI Interface Port
11−11
SLLS535A − January 2004
TUSB6250
11.5.2
ATPIFCNFG1: ATA/ATAPI Interface Configuration Register 1 (XDATA at F0D1)
76
543
2
1
0
ATP_MOD
SOFT_RST
HARD_RST
XFER_DIR
AUTO_CMD
START_ATAPI
NON_DA_CMD
DEV_SEL
R/W
W/C
R/W
R/W
R/W
W/C
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
DEV_SEL
0
ATAPI device select.
When ATP_MOD = 1 and AUTO_CMD =1 and START_ATAPI =1, and,
DEV_SEL = 0 The internal state machine sets the DEV bit of the device/head register to 0 when
it sends the packet command.
DEV_SEL = 1 The internal state machine sets the DEV bit of the device/head register to 1 when
it sends the packet command.
1
NON_DA_CMD
0
Non-data command.
When START_ATAPI = 1, and,
NON_DA_CMD = 0 The internal state machine expects to transfer data between the TUSB6250
and the storage device.
NON_DA_CMD = 1 The internal state machine does not transfer data.
2
START_ATAPI
0
Start ATA/ATAPI transfer. Set by the MCU/self-clear.
When this bit is set (START_ATAPI = 1), the internal state machine starts:
S Sending a command if AUTO_CMD = 1, or,
S Transferring data if AUTO_CMD = 0.
START_ATAPI remains active for one clock cycle. It is cleared thereafter automatically.
The data transfer size is determined by the transfer byte count TRNS_BCN [31:0].
3
AUTO_CMD
0
Auto command.
When this bit is set (AUTO_CMD = 1), the internal state machine automatically fetches the CBW
command and command parameters from Task_File0 to Task_File15, which is loaded to the
storage device to start the command execution once the MCU sets START_ATAPI to 1.
4
XFER_DIR
0
ATA/ATAPI data transfer direction.
XFER_DIR = 0 Data transfer is from the host (TUSB6250) to the storage device.
XFER_DIR = 1 Data transfer is from the storage device to the host (TUSB6250).
5
HARD_RST
0
ATA/ATAPI hardware reset. Set and cleared by the MCU.
When this bit is set (HARD_RST = 1), the TUSB6250 drives the RST_ATA pin low, which creates
a hard reset to the storage device. To dismiss a hard reset to the storage device, the MCU needs
to write a 0 to the HARD_RST bit.
6
SOFT_RST
0
ATA/ATAPI state machine soft reset. Set by the MCU/self cleared.
When this bit is set (SOFT_RST = 1), the internal logic generates a soft reset to:
S Reset the internal state machines,
S Reset sector FIFO pointers (to 0),
S Clear the internal data buffer.
The internal soft reset signal lasts one clock cycle. The SOFT_RST bit is automatically cleared
to 0, thereafter. The SOFT_RST bit has nothing to do with any reset function to the ATA/ATAPI
device.
7
ATP_MOD
0
ATAPI mode.
ATP_MOD = 0 The storage device utilizes ATA transfer protocol.
ATP_MOD = 1 The storage device utilizes ATAPI transfer protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com