Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6250 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 67Page - Texas Instruments TUSB6250 Datasheet HTML 68Page - Texas Instruments TUSB6250 Datasheet HTML 69Page - Texas Instruments TUSB6250 Datasheet HTML 70Page - Texas Instruments TUSB6250 Datasheet HTML 71Page - Texas Instruments TUSB6250 Datasheet HTML 72Page - Texas Instruments TUSB6250 Datasheet HTML 73Page - Texas Instruments TUSB6250 Datasheet HTML 74Page - Texas Instruments TUSB6250 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 124 page
background image
Miscellaneous and GPIO Configuration Registers
9−6
SLLS535A − January 2004
TUSB6250
9.6
PUPDFUNC: Pullup/Pulldown Configuration Register for Functional Pins (XDATA
at F08E)
The PUPDFUNC register allows the MCU to select/deselect and enable/disable the internal pullup or pulldown
resistor connection on certain functional pins.
765
43210
PDATPDD7
PDVBUS
PDATPDAT
PDDMARQ
POFFIORDY
PUSLIORDY
POFFINTRQ
PUSLINTRQ
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
PUSLINTRQ
0
INTRQ pin pullup/pulldown resistor selection configuration by the MCU.
S If the MCU sets this bit to 1, the pullup resistor is selected and the pulldown resistor is
deselected.
S If the MCU clears this bit to 0, the pulldown resistor is selected and the pullup resistor is
deselected.
The power-up default is the pulldown resistor enabled and the pullup resistor disabled for the
INTRQ pin.
1
POFFINTRQ
0
INTRQ pin pullup/pulldown resistor power-down configuration by the MCU.
S If the MCU sets this bit to 1, both the pullup and pulldown resistors are disabled.
S If the MCU clears this bit to 0, either the pullup or the pulldown resistor is enabled for the
INTRQ pin, with the selection controlled by the PUSLINTRQ bit.
2
PUSLIORDY
0
IORDY pin pullup/pulldown resistor selection configuration by the MCU.
S If the MCU sets this bit to 1, the pullup resistor is selected and the pulldown resistor is
deselected.
S If the MCU clears this bit to 0, the pulldown resistor is selected and the pullup resistor is
deselected.
The power-up default is the pulldown enabled and the pullup disabled for the IORDY pin. The
MCU needs to enable the pullup on the IORDY pin during normal operation.
3
POFFIORDY
0
IORDY pin pullup/pulldown resistor power-down configuration by the MCU.
S If the MCU sets this bit to 1, both the pullup and pulldown resistors are disabled.
S If the MCU clears this bit to 0, either the pullup or the pulldown resistor is enabled for the
IORDY pin, with the selection controlled by the PUSLIORDY bit.
4
PDDMARQ
0
DMARQ pin pulldown resistor enable/disable configuration by the MCU.
S If the MCU sets this bit to 1, the pulldown resistor is disconnected from the pin.
S If the MCU clears this bit to 0, the pulldown resistor is connected to the pin.
5
PDATPDAT
0
ATAPI data bus (DD15−DD8, DD6−DD0) pin pulldown resistor enable/disable configuration by
the MCU. The DD7 pin has its own pulldown resistor control (PDATPDD7), as described in bit 7
of this register.
S If the MCU sets this bit to 1, the pulldown resistors are disconnected from the 16-bit data bus
(except DD7).
S If the MCU clears this bit to 0, the pulldown resistors are connected to the 16-bit data bus
(except DD7).
6
PDVBUS
0
VBUS pin pulldown resistor enable/disable configuration by the MCU. Before getting into
suspend, the firmware shall check the VBUS status and turns off the pulldown resistor if VBUS
is active.
S If the MCU sets this bit to 1, the pulldown resistor is disconnected from the pin.
S If the MCU clears this bit to 0, the pulldown resistor is connected to the pin.
7
PDATPDD7
0
ATAPI data bus DD7 pin pulldown resistor enable/disable configuration by the MCU. The
pulldown resistor control for the other ATA/ATAPI data bus pins is defined in bit 5 (PDATPDAT)
of this register.
S If the MCU sets this bit to 1, the pulldown resistor is disconnected from the DD7 pin.
S If the MCU clears this bit to 0, the pulldown resistor is connected to the DD7 pin.
The power-up default is the pulldown resistor enabled for the DD7 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com