Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6250 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 21Page - Texas Instruments TUSB6250 Datasheet HTML 22Page - Texas Instruments TUSB6250 Datasheet HTML 23Page - Texas Instruments TUSB6250 Datasheet HTML 24Page - Texas Instruments TUSB6250 Datasheet HTML 25Page - Texas Instruments TUSB6250 Datasheet HTML 26Page - Texas Instruments TUSB6250 Datasheet HTML 27Page - Texas Instruments TUSB6250 Datasheet HTML 28Page - Texas Instruments TUSB6250 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 124 page
background image
Microcontroller Unit (MCU)
6−2
SLLS535A − January 2004
TUSB6250
addressable by the MCU and 8K bytes of RAM for the sector FIFO data space that’s not directly
accessible by the MCU.
•
The MCU can change this power-up RAM configuration by overwriting the value of the RAMPARTN
bits. Thus, reconfiguring this 24K bytes of RAM as part of the code space or sector FIFO data space
per the firmware instruction:
−
RAMPARTN = 01, this yields a total of 16K bytes of code RAM from 2000−5FFF accessible by
the MCU and 24K bytes of RAM for sector FIFO not directly accessible by the MCU, but directly
accessible by the internal ATA/ATAPI interface controller.
−
RAMPARTN = 10, this yields a total of 8K bytes of code RAM from 2000−3FFF accessible by the
MCU and 32K bytes of RAM for sector FIFO not directly accessible by the MCU, but directly
accessible by the internal ATA/ATAPI interface controller.
8K Bytes
ROM
0000
1FFF
8K Bytes
RAM
(Fixed for Code)
2000
3FFF
24K Bytes
RAM
(Configurable
for Code or
Sector FIFO
Data Space)
4000
5FFF
6000
7FFF
8000
9FFF
4K Bytes
SPRAM
E000
EFFF
MMR
F000
F0F9
00
01
10
Code/Data Space Partition Result Based
on the Setting of the RAMPARTN Bits
32K Bytes
RAM
For Code
16K Bytes
RAM
For Code
8K Bytes
RAM
For Code
8K Bytes
RAM
For Data
24K Bytes
RAM
For Data
32K Bytes
RAM
For Data
Figure 6−1. MCU Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com