Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6250 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 19Page - Texas Instruments TUSB6250 Datasheet HTML 20Page - Texas Instruments TUSB6250 Datasheet HTML 21Page - Texas Instruments TUSB6250 Datasheet HTML 22Page - Texas Instruments TUSB6250 Datasheet HTML 23Page - Texas Instruments TUSB6250 Datasheet HTML 24Page - Texas Instruments TUSB6250 Datasheet HTML 25Page - Texas Instruments TUSB6250 Datasheet HTML 26Page - Texas Instruments TUSB6250 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 124 page
background image
Architecture Overview
5−4
SLLS535A − January 2004
TUSB6250
5.2.6 I2C Interface Controller
The master-only I2C interface controller is responsible for acquiring the user configurable descriptors and
other configurable feature parameters from the external I2C EEPROM during initial power up. It is also used
to download the application firmware from the external I2C EEPROM. The behavior of the I2C interface
controller is controlled by the boot code (the microcode embedded in boot ROM) or application firmware.
5.3
Other Major Features
5.3.1 Unique Power-On Sequencing to the Storage Device
The TUSB6250 provides unique power-on sequencing features to the storage device. When the TUSB6250
is powered up during the reset period, it turns off all the output buffers and activates all of the internal pulldown
resistors on the ATA/ATAPI bus. After reset, when the TUSB6250 controller is enumerated and configured,
the application firmware in operation decides when to power up the connected ATA/ATAPI drive and
reconfigure all the input, output, and bidirectional buffers, and the pullup and pulldown resistors on the
ATA/ATAPI bus based on their functionality defined in the ATA/ATAPI-5 specification.
This function is critical for implementing a truly bus-powered USB 2.0 mass storage device, since the disk
start-up spinning normally results in a high-current surge that is harmful to the USB device during enumeration.
According to the USB 2.0 specification, a USB device is only allowed to consume up to 100 mA before it is
configured.
This feature is also useful when the TUSB6250 controller interfaces to ATA/ATAPI mass storage devices that
do not implement fail-safe buffers on their ATA/ATAPI interface. In such conditions, this well controlled
power-on sequencing feature protects the connected storage device without fail-safe I/O buffers from
damage, which may be caused by the bridge controller driving the signal lines when the power supply of the
storage devices is not present.
5.3.2 Die-ID Based USB Device Serial Number
The TUSB6250 supports unique USB device serial numbers by utilizing the 48-bit die-ID number unique to
each silicon die. It also allows end product developers to specify their own custom serial number in the external
I2C EEPROM to override this default die-ID serial number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com