Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 40Page - Texas Instruments LP8733 Datasheet HTML 41Page - Texas Instruments LP8733 Datasheet HTML 42Page - Texas Instruments LP8733 Datasheet HTML 43Page - Texas Instruments LP8733 Datasheet HTML 44Page - Texas Instruments LP8733 Datasheet HTML 45Page - Texas Instruments LP8733 Datasheet HTML 46Page - Texas Instruments LP8733 Datasheet HTML 47Page - Texas Instruments LP8733 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
7.6.1.4 BUCK0_CTRL_2
BUCK0_CTRL_2 is shown in Table 7-15, Address: 0x03
Table 7-14. BUCK0_CTRL_2 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
BUCK0_ILIM[2:0]
BUCK0_SLEW_RATE[2:0]
Table 7-15. BUCK0_CTRL_2 Register Field Descriptions
Bits
Field
Type
Default
Description
7:6
Reserved - do not
use
R/W
00
5:3
BUCK0_ILIM[2:0]
R/W
X
Sets the switch current limit of Buck0. Can be programmed at any time during
operation:
0x0 - 1.5 A
0x1 - 2.0 A
0x2 - 2.5 A
0x3 - 3.0 A
0x4 - 3.5 A
0x5 - 4.0 A
0x6 - Reserved - do not use.
0x7 - Reserved - do not use.
2:0
BUCK0_SLEW_RA
TE[2:0]
R/W
X
Sets the output voltage slew rate for Buck0 regulator (rising and falling edges):
0x0 - Reserved - do not use.
0x1 - Reserved - do not use.
0x2 - 10 mV/µs
0x3 - 7.5 mV/µs
0x4 - 3.8 mV/µs
0x5 - 1.9 mV/µs
0x6 - 0.94 mV/µs
0x7 - 0.47 mV/µs
7.6.1.5 BUCK1_CTRL_1
BUCK1_CTRL_1 is shown in Table 7-17, Address: 0x04
Table 7-16. BUCK1_CTRL_1 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
BUCK1_FPWM BUCK1_RDIS_
EN
BUCK1_EN_PI
N_CTRL
BUCK1_EN
Table 7-17. BUCK1_CTRL_1 Register Field Descriptions
Bits
Field
Type
Default
Description
7:4
Reserved - do not
use
R/W
0000
3
BUCK1_FPWM
R/W
X
Buck1 mode selection:
0 - Automatic transitions between the PFM and PWM modes (AUTO mode).
1 - Forced to PWM operation.
2
BUCK1_RDIS_EN
R/W
1
Enable output discharge resistor (RDIS_Bx) when the Buck1 is disabled:
0 - Discharge resistor is disabled.
1 - Discharge resistor is enabled.
1
BUCK1_EN_PIN
_CTRL
R/W
X
Enable control for the Buck1:
0 - only the BUCK1_EN bit controls the Buck1
1 - BUCK1_EN bit and the EN pin control the Buck1.
0
BUCK1_EN
R/W
X
Enable the Buck1 regulator:
0 - Buck1 regulator is disabled.
1 - Buck1 regulator is enabled.
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com