Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 2Page - Texas Instruments LP8733 Datasheet HTML 3Page - Texas Instruments LP8733 Datasheet HTML 4Page - Texas Instruments LP8733 Datasheet HTML 5Page - Texas Instruments LP8733 Datasheet HTML 6Page - Texas Instruments LP8733 Datasheet HTML 7Page - Texas Instruments LP8733 Datasheet HTML 8Page - Texas Instruments LP8733 Datasheet HTML 9Page - Texas Instruments LP8733 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
LP8733xx-Q1
UNIT
RHD (VQFN)
28 PINS
RθJA
Junction-to-ambient thermal resistance
36.7
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
26.6
°C/W
RθJB
Junction-to-board thermal resistance
8.9
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
8.8
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
2.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
6.5 Electrical Characteristics
Limits apply over the junction temperature range –40°C ≤ TJ ≤ +140°C, specified VVANA, VVIN_Bx, VVIN_LDOx, VVOUT_Bx,
VVOUT_LDOx and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = VVIN_LDOx = 3.7 V,
and VOUT = 1 V, unless otherwise noted(1) (2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL COMPONENTS
CIN_BUCK
Input filtering
capacitance for buck
regulators
Effective capacitance, connected from VIN_Bx
to PGND_Bx
1.9
10
µF
COUT_BUCK
Output filtering
capacitance for buck
regulators
Effective capacitance per phase
10
22
500
µF
CPOL_BUCK
Point-of-load (POL)
capacitance for buck
regulators
Optional POL capacitance
22
µF
COUT-
TOTAL_BUCK
Buck output capacitance,
total (local and POL)
Total output capacitance per phase
500
µF
CIN_LDO
Input filtering
capacitance for LDO
regulators
Effective capacitance, connected from
VIN_LDOx to AGND. CIN_LDO must be at least
two times larger than COUT_LDO
0.6
2.2
µF
COUT_LDO
Output filtering
capacitance for LDO
regulators
Effective capacitance
0.4
1
2.7
µF
ESRC
Input and output
capacitor ESR
[1-10] MHz
2
10
mΩ
L
Inductor
Inductance of the inductor
0.47
µH
–30%
30%
DCRL
Inductor DCR
25
mΩ
BUCK REGULATORS
V(VIN_Bx),
V(VANA)
Input voltage range
VIN_Bx and VANA pins must be connected to
the same supply line
2.8
3.7
5.5
V
VOUT_Bx
Output voltage
Programmable voltage range
0.7
1
3.36
V
Step size, 0.7 V ≤ VOUT < 0.73 V
10
mV
Step size, 0.73 V ≤ VOUT < 1.4 V
5
Step size, 1.4 V ≤ VOUT ≤ 3.36 V
20
IOUT_Bx
Output current
Output current, single-phase output
3(3)
A
Output current, dual-phase output
6(3)
Input and Output voltage
difference
Minimum voltage between V(VIN_Bx) and
VOUT to fulfill the electrical characteristics
0.8
V
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com