Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 5Page - Texas Instruments LP8733 Datasheet HTML 6Page - Texas Instruments LP8733 Datasheet HTML 7Page - Texas Instruments LP8733 Datasheet HTML 8Page - Texas Instruments LP8733 Datasheet HTML 9Page - Texas Instruments LP8733 Datasheet HTML 10Page - Texas Instruments LP8733 Datasheet HTML 11Page - Texas Instruments LP8733 Datasheet HTML 12Page - Texas Instruments LP8733 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
6.5 Electrical Characteristics (continued)
Limits apply over the junction temperature range –40°C ≤ TJ ≤ +140°C, specified VVANA, VVIN_Bx, VVIN_LDOx, VVOUT_Bx,
VVOUT_LDOx and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = VVIN_LDOx = 3.7 V,
and VOUT = 1 V, unless otherwise noted(1) (2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
monitoring for PGOOD
pin and for power-good
interrupt
Overvoltage monitoring, voltage rising
(compared to DC output voltage level,
VOUT_LDO_DC)
106%
108%
110%
Overvoltage monitoring, hysteresis
3%
3.5%
4%
Undervoltage monitoring, voltage falling
(compared to DC output voltage level,
VOUT_LDO_DC)
90%
92%
94%
Undervoltage monitoring, hysteresis
3%
3.5%
4%
Deglitch time during operation and after
voltage change
4
15
µs
Gating time for PGOOD
signal after regulator
enable or voltage change
PGOOD_MODE = 0
800
µs
EXTERNAL CLOCK AND PLL
fEXT_CLK
External input clock(6)
Nominal frequency
1
24
MHz
Nominal frequency step size
1
Required accuracy from nominal frequency
–30%
10%
External clock detection
Delay for missing clock detection
1.8
µs
Delay and debounce for clock detection
20
Clock change delay
(internal to external)
Delay from valid clock detection to use of
external clock
600
µs
PLL output clock jitter
Cycle to cycle
300
ps, p-p
PROTECTION FUNCTIONS
Thermal warning
Temperature rising, TDIE_WARN_LEVEL = 0
115
125
135
°C
Temperature rising, TDIE_WARN_LEVEL = 1
127
137
147
Hysteresis
20
Thermal shutdown
Temperature rising
140
150
160
°C
Hysteresis
20
VANAOVP
VANA overvoltage
Voltage rising
5.6
5.8
6.1
V
Voltage falling
5.45
5.73
5.96
Hysteresis
40
mV
VANAUVLO
VANA undervoltage
lockout
Voltage rising
2.51
2.63
2.75
V
Voltage falling
2.5
2.6
2.7
Buck short-circuit
detection
Threshold
280
360
440
mV
LDO short-circuit
detection
Threshold
190
300
450
mV
LOAD CURRENT MEASUREMENT FOR BUCK REGULATORS
Current measurement
range
Maximum code
10.22
A
Resolution
LSB
20
mA
Measurement accuracy
IOUT > 1 A per phase
<10%
Measurement time
PFM mode (automatically changing to PWM
mode for the measurement)
45
µs
PWM mode
4
CURRENT CONSUMPTION
www.ti.com
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com