Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 67 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 63Page - Texas Instruments LP8733 Datasheet HTML 64Page - Texas Instruments LP8733 Datasheet HTML 65Page - Texas Instruments LP8733 Datasheet HTML 66Page - Texas Instruments LP8733 Datasheet HTML 67Page - Texas Instruments LP8733 Datasheet HTML 68Page - Texas Instruments LP8733 Datasheet HTML 69Page - Texas Instruments LP8733 Datasheet HTML 70Page - Texas Instruments LP8733 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
8.2.3 Application Curves
Measurements are done using typical application set up with connections shown in Section 8.2. Graphs may not
reflect the OTP default settings. Unless otherwise specified: V(VIN_Bx) = V(VIN_LDOx) = V(VANA) = 3.7 V, VOUT_Bx =
1 V, VOUT_LDOx = 1 V, TA = 25°C, L = 0.47 µH (TOKO DFE252012PD-R47M), COUT_BUCK = 22 µF / phase, and
CPOL_BUCK = 22 µF, COUT_LDO = 1 µF.
Output Current (A)
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D003
Vin=5V, AUTO
Vin=3.3V, AUTO
Vin=5V, FPWM
Vin=3.3V, FPWM
VOUT = 1.8 V
Figure 8-4. Buck Efficiency in PFM/PWM and
Forced PWM Mode (Single-Phase Output)
Output Current (A)
0.001
0.01
0.1
1
6
40
50
60
70
80
90
100
D005
Vin=5V, AUTO
Vin=3.3V, AUTO
Vin=5V, FPWM
Vin=3.3V, FPWM
VOUT = 1.8 V
Figure 8-5. Buck Efficiency in PFM/PWM and
Forced PWM Mode (Dual-Phase Output)
Output Current (A)
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D007
Vout=1V
Vout=1.8V
Vout=2.5V
VIN = 3.3 V
Figure 8-6. Buck Efficiency in Forced PWM Mode
(Single-Phase Output)
Output Current (A)
0.001
0.01
0.1
1
6
40
50
60
70
80
90
100
D009
Vout=1V
Vout=1.8V
Vout=2.5V
VIN = 3.3 V
Figure 8-7. Buck Efficiency in Forced PWM Mode
(Dual-Phase Output)
Output Current (A)
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D011
Vout=1V
Vout=1.8V
Vout=2.5V
VIN = 5 V
Figure 8-8. Buck Efficiency in Forced PWM Mode
(Single-Phase Output)
Output Current (A)
0.001
0.01
0.1
1
6
40
50
60
70
80
90
100
D013
Vout=1V
Vout=1.8V
Vout=2.5V
VIN = 5 V
Figure 8-9. Buck Efficiency in Forced PWM Mode
(Dual-Phase Output)
www.ti.com
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com