Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 47Page - Texas Instruments LP8733 Datasheet HTML 48Page - Texas Instruments LP8733 Datasheet HTML 49Page - Texas Instruments LP8733 Datasheet HTML 50Page - Texas Instruments LP8733 Datasheet HTML 51Page - Texas Instruments LP8733 Datasheet HTML 52Page - Texas Instruments LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
Table 7-47. CONFIG Register Field Descriptions (continued)
Bits
Field
Type
Default
Description
5
SHUTDOWN_DELA
Y_SEL
R/W
X
Shutdown delay range from the EN signals:
0 - 0 ms - 7.5 ms with 0.5 ms steps
1 - 0 ms - 15 ms with 1 ms steps
4
CLKIN_PIN_SEL
R/W
X
CLKIN pin function:
0 - GPO2
1 - CLKIN
3
CLKIN_PD
R/W
X
Selects the pull down resistor on the CLKIN input pin (valid also when selected as
GPO2):
0 - Pull-down resistor is disabled.
1 - Pull-down resistor is enabled.
2
EN_PD
R/W
X
Selects the pull down resistor on the EN input pin.
0 - Pull-down resistor is disabled.
1 - Pull-down resistor is enabled.
1
TDIE_WARN_
LEVEL
R/W
X
Thermal warning threshold level:
0 - 125°C
1 - 137°C
0
EN_SPREAD
_SPEC
R/W
X
Enable spread spectrum feature:
0 - Disabled
1 - Enabled
7.6.1.21 PLL_CTRL
PLL_CTRL is shown in Table 7-49, Address: 0x14
Table 7-48. PLL_CTRL Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do
not use
EN_PLL
Reserved - do
not use
EXT_CLK_FREQ[4:0]
Table 7-49. PLL_CTRL Register Field Descriptions
Bits
Field
Type
Default
Description
7
Reserved - do not
use
R/W
0
6
EN_PLL
R/W
X
Selection of the external clock and PLL operation:
0 - Forced to the internal RC oscillator. The PLL is disabled.
1 - PLL is enabled in the STANDBY and ACTIVE modes. Automatic external clock
use when available, and interrupt is generated if the external clock appears or
disappears.
5
Reserved - do not
use
R/W
0
This bit must be set to '''0 .''
4:0
EXT_CLK_FREQ[4:
0]
R/W
X
Frequency of the external clock (CLKIN):
0x00 - 1 MHz
0x01 - 2 MHz
0x02 - 3 MHz
...
0x16 - 23 MHz
0x17 - 24 MHz
0x18...0x1F - Reserved - do not use
See electrical specification for the input clock frequency tolerance.
7.6.1.22 PGOOD_CTRL_1
PGOOD_CTRL_1 is shown in Table 7-51, Address: 0x15
Table 7-50. PGOOD_CTRL_1 Register
D7
D6
D5
D4
D3
D2
D1
D0
www.ti.com
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com