Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 6Page - Texas Instruments LP8733 Datasheet HTML 7Page - Texas Instruments LP8733 Datasheet HTML 8Page - Texas Instruments LP8733 Datasheet HTML 9Page - Texas Instruments LP8733 Datasheet HTML 10Page - Texas Instruments LP8733 Datasheet HTML 11Page - Texas Instruments LP8733 Datasheet HTML 12Page - Texas Instruments LP8733 Datasheet HTML 13Page - Texas Instruments LP8733 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
6.5 Electrical Characteristics (continued)
Limits apply over the junction temperature range –40°C ≤ TJ ≤ +140°C, specified VVANA, VVIN_Bx, VVIN_LDOx, VVOUT_Bx,
VVOUT_LDOx and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = VVIN_LDOx = 3.7 V,
and VOUT = 1 V, unless otherwise noted(1) (2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standby current
consumption, regulators
disabled
9
µA
Active current
consumption, one buck
regulator enabled in
auto mode, internal
RC oscillator, PGOOD
monitoring enabled
Single-phase output: IOUT_Bx = 0 mA, not
switching
58
µA
Active current
consumption, two buck
regulators enabled in
auto mode, internal
RC oscillator, PGOOD
monitoring enabled
Single-phase output: IOUT_Bx = 0 mA, not
switching
100
µA
Active current
consumption, one buck
regulator enabled in
auto mode, internal
RC oscillator, PGOOD
monitoring enabled
Dual-phase output: IOUT_Bx = 0 mA, not
switching
72
µA
Active current
consumption during
PWM operation, one
buck regulator enabled
Single-phase output: IOUT_Bx = 0 mA
15
mA
Active current
consumption during
PWM operation, two
buck regulators enabled
Single-phase output: IOUT_Bx = 0 mA
30
mA
Active current
consumption during
PWM operation, buck
regulator enabled
Dual-phase output: IOUT_Bx = 0 mA
15
mA
LDO regulator enabled
Additional current consumption per LDO,
IOUT_LDOx = 0 mA
86
µA
PLL and clock detector
current consumption
fEXT_CLK = 1 MHz, Additional current
consumption when enabled
2
mA
DIGITAL INPUT SIGNALS EN, SCL, SDA, CLKIN
VIL
Input low level
0.4
V
VIH
Input high level
1.2
VHYS
Hysteresis of Schmitt
Trigger inputs
10
80
200
mV
EN/CLKIN pulldown
resistance
EN_PD/CLKIN_PD = 1
500
kΩ
DIGITAL OUTPUT SIGNALS nINT, SDA
VOL
Output low level
nINT: ISOURCE = 2 mA
0.4
V
SDA: ISOURCE = 20 mA
0.4
V
RP
External pullup resistor
for nINT
To VIO Supply
10
kΩ
DIGITAL OUTPUT SIGNALS PGOOD, GPO, GPO2
VOL
Output low level
ISOURCE = 2 mA
0.4
V
VOH
Output high level,
configured to push-pull
ISINK = 2 mA
VVANA – 0.4
VVANA
V
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com