Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 19Page - Texas Instruments LP8733 Datasheet HTML 20Page - Texas Instruments LP8733 Datasheet HTML 21Page - Texas Instruments LP8733 Datasheet HTML 22Page - Texas Instruments LP8733 Datasheet HTML 23Page - Texas Instruments LP8733 Datasheet HTML 24Page - Texas Instruments LP8733 Datasheet HTML 25Page - Texas Instruments LP8733 Datasheet HTML 26Page - Texas Instruments LP8733 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
7.3.5 Regulator Control
7.3.5.1 Enabling and Disabling Regulators
The regulators can be enabled when the device is in STANDBY or ACTIVE state. There are two ways to enable
and disable the buck regulators:
• Using the BUCKx_EN bit in the BUCKx_CTRL_1 register (the BUCKx_EN_PIN_CTRL bit is 0 in the
BUCKx_CTRL_1 register).
• Using the EN control pin (the BUCKx_EN bit and the BUCKx_EN_PIN_CTRL bit is 1).
Similarly, there are two ways to enable and disable the LDO regulators:
• Using the LDOx_EN bit in the LDOx_CTRL register (the LDOx_EN_PIN_CTRL bit is 0 in the LDOx_CTRL
register).
• Using the EN control pin (the LDOx_EN bit is 1 and the LDOx_EN_PIN_CTRL bit is 1).
If the EN control pin is used for enable and disable, then the following occurs:
• The delay from the control signal rising edge to start-up is set by the BUCKx_STARTUP_DELAY[3:0] bits in
the BUCKx_DELAY register and the LDOx_STARTUP_DELAY[3:0] bits in the LDOx_DELAY register.
• The delay from the control signal falling edge to shutdown is set by the BUCKx_SHUTDOWN_DELAY[3:0]
bits in the BUCKx_DELAY register and the LDOx_SHUTDOWN_DELAY[3:0] bits in the LDOx_DELAY
register.
The delays are only valid for the EN signal transitions and not for control with I2C writings to the BUCKx_EN and
the LDOx_EN bits.
The control of the regulator (with 0-ms delays) is shown in Table 7-3. Dual-phase regulator is controlled with
registers of the master phase.
Table 7-3. Regulator Control
BUCKx_EN AND
LDOx_EN
BUCKx_EN_PIN_CTRL AND
LDOx_EN_PIN_CTRL
EN PIN
BUCKx OUTPUT VOLTAGE AND
LDOx OUTPUT VOLTAGE
Enable and disable control
with the BUCKx_EN and the
LDOx_EN bit
0
Don't Care
Don't Care
Disabled
1
0
Don't Care
BUCKx_VSET[7:0] and LDOx_VSET[4:0]
Enable and disable control
with the EN pin
1
1
Low
Disabled
1
1
High
BUCKx_VSET[7:0] and LDOx_VSET[4:0]
The buck regulator is enabled by the EN pin or by I2C writing, as shown in Figure 7-6. The soft-start circuit
limits the in-rush current during start-up. When the output voltage rises to a 0.35-V level, the output voltage
becomes slew-rate controlled. If there is a short circuit at the output, and the output voltage does not increase
above the 0.35-V level in 1 ms or the output voltage drops below 0.35-V level during operation (for minimum
of 1 ms), then the regulator is disabled, and the BUCKx_SC_INT interrupt in the INT_BUCK register is set.
When the output voltage reaches the the Power-Good threshold level, the BUCKx_PG_INT interrupt flag in
the INT_BUCK register is set. The Power-Good interrupt flag, when reaching the valid output voltage, can be
masked using the BUCKx_PGR_MASK bit in the BUCK_MASK register. The Power-Good interrupt flag can also
be generated when the output voltage becomes invalid. The interrupt mask for invalid output voltage detection
is set by the BUCKx_PGF_MASK bit in the BUCK_MASK register. A BUCKx_PG_STAT bit in the BUCK_STAT
register always shows the validity of the output voltage; 1 means valid and 0 means invalid output voltage.
A PGOOD_WINDOW_BUCK bit in the PGOOD_CTRL_1 register sets the detection method for the valid buck
output voltage, either under-voltage detection, or under-voltage and over-voltage detection.
www.ti.com
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com