Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 51Page - Texas Instruments LP8733 Datasheet HTML 52Page - Texas Instruments LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments LP8733 Datasheet HTML 57Page - Texas Instruments LP8733 Datasheet HTML 58Page - Texas Instruments LP8733 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
Table 7-63. INT_BUCK Register Field Descriptions
Bits
Field
Type
Default
Description
7
Reserved - do not
use
R/W
0
6
BUCK1_PG_INT
R/W
0
Latched status bit indicating that Buck1 Power-Good event has been detected.
Write 1 to clear.
5
BUCK1_SC_INT
R/W
0
Latched status bit indicating that the Buck1 output voltage has been over 1 ms below
the short-circuit threshold level.
Write 1 to clear.
4
BUCK1_ILIM_INT
R/W
0
Latched status bit indicating that the Buck1 output current limit has been active.
Write 1 to clear.
3
Reserved - do not
use
R/W
0
2
BUCK0_PG_INT
R/W
0
Latched status bit indicating that the Buck0 Power-Good event has been detected.
Write 1 to clear.
1
BUCK0_SC_INT
R/W
0
Latched status bit indicating that the Buck0 output voltage has been over 1 ms below
the short-circuit threshold level.
Write 1 to clear.
0
BUCK0_ILIM_INT
R/W
0
Latched status bit indicating that the Buck0 output current limit has been active.
Write 1 to clear.
7.6.1.29 INT_LDO
INT_LDO is shown in Table 7-65, Address: 0x1C
Table 7-64. INT_LDO Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do
not use
LDO1_PG
_INT
LDO1_SC
_INT
LDO1_ILIM
_INT
Reserved - do
not use
LDO0_PG
_INT
LDO0_SC
_INT
LDO0_ILIM
_INT
Table 7-65. INT_LDO Register Field Descriptions
Bits
Field
Type
Default
Description
7
Reserved - do not
use
R/W
0
6
LDO1_PG_INT
R/W
0
Latched status bit indicating that the LDO1 Power-Good event has been detected.
Write 1 to clear.
5
LDO1_SC_INT
R/W
0
Latched status bit indicating that the LDO1 output voltage has been over 1 ms below
the short-circuit threshold level.
Write 1 to clear.
4
LDO1_ILIM_INT
R/W
0
Latched status bit indicating that the LDO1 output current limit has been active.
Write 1 to clear.
3
Reserved - do not
use
R/W
0
2
LDO0_PG_INT
R/W
0
Latched status bit indicating that the LDO0 Power-Good event has been detected.
Write 1 to clear.
1
LDO0_SC_INT
R/W
0
Latched status bit indicating that the LDO0 output voltage has been over 1 ms below
the short-circuit threshold level.
Write 1 to clear.
0
LDO0_ILIM_INT
R/W
0
Latched status bit indicating that the LDO0 output current limit has been active.
Write 1 to clear.
7.6.1.30 TOP_STAT
TOP_STAT is shown in Table 7-67, Address: 0x1D
Table 7-66. TOP_STAT Register
D7
D6
D5
D4
D3
D2
D1
D0
www.ti.com
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com