Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 1 Page - Texas Instruments

  LP8733 Datasheet HTML 1Page - Texas Instruments LP8733 Datasheet HTML 2Page - Texas Instruments LP8733 Datasheet HTML 3Page - Texas Instruments LP8733 Datasheet HTML 4Page - Texas Instruments LP8733 Datasheet HTML 5Page - Texas Instruments LP8733 Datasheet HTML 6Page - Texas Instruments LP8733 Datasheet HTML 7Page - Texas Instruments LP8733 Datasheet HTML 8Page - Texas Instruments LP8733 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
• Input voltage: 2.8 V to 5.5 V
• Two high-efficiency step-down DC/DC converters:
– Output voltage: 0.7 V to 3.36 V
– Maximum output current 3 A per phase
– Adding and shedding auto phase and
force multi-phase operations in dual-phase
configuration
– Remote differential feedback voltage sensing in
dual-phase configuration
– Programmable output-voltage slew rate from
0.5 mV/µs to 10 mV/µs
– 2-MHz switching frequency
– Spread-spectrum mode and phase interleaving
for EMI reduction
• Two linear regulators:
– Input voltage: 2.5 V to 5.5 V
– Output voltage: 0.8 V to 3.3 V
– Maximum output current 300 mA
• Configurable general-purpose output signals
(GPO, GPO2)
• Interrupt function with programmable masking
• Programmable power-good signal (PGOOD)
• Output short-circuit and overload protection
• Overtemperature warning and protection
• Overvoltage protection (OVP) and undervoltage
lockout (UVLO)
• 28-pin, 5-mm × 5-mm VQFN package with
wettable flanks
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
1 ± 2
Outputs
SDA
SCL
nINT
CLKIN (GPO2)
GNDs
EN
GPO
SW_B1
FB_B1
PGOOD
VOUT_LDO1
VOUT_LDO0
VIN_LDO0
VIN_LDO1
VOUT_LDO0
VOUT_LDO1
Copyright © 2018, Texas Instruments Incorporated
Configurable
multi-phase
Simplified Schematic
2 Applications
• Automotive head unit and cluster
• Automotive camera module
• Surround view system ECU
• Radar system ECU
3 Description
The LP8733xx-Q1 is designed to meet the power
management requirements in automotive applications.
The device has two step-down DC/DC converters
(which can be configured as a single dual-phase
regulator or two single-phase regulators), two linear
regulators, and two general-purpose digital-output
signals. The device is controlled by an I2C-compatible
serial interface and by an enable signal.
The automatic PWM/PFM (AUTO mode) operation
together with the automatic phase adding/shedding
gives high efficiency over a wide output-current
range. The LP8733xx-Q1 supports remote voltage
sensing (differential in dual-phase configuration) to
compensate IR drop between the regulator output and
the point-of-load (POL), thus improving the accuracy
of the output voltage. In addition, the switching clock
can be forced to PWM mode and also synchronized to
an external clock to minimize the disturbances.
The LP8733xx-Q1 device supports programmable
start-up and shutdown delays and sequences
including GPO signals synchronized to the enable
signal. During start-up and voltage change, the device
controls the output slew rate to minimize output
voltage overshoot and the in-rush current.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP8733xx-Q1
VQFN (28)
5.00 mm × 5.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Output Current (A)
0.025
0.1
1
6
50
60
70
80
90
100
D420
1PH, Vin=3.7V, Vout=1.0V
1PH, Vin=3.7V, Vout=2.5V
2PH, Vin=3.7V, Vout=1.0V
2PH, Vin=3.7V, Vout=2.5V
DC/DC Efficiency vs Output Current (Dual-Phase)
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP8733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8733 TI1-LP8733 Datasheet
5Mb / 82P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733 Datasheet
6Mb / 85P
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733 Datasheet
6Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8733 TI-LP8733 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
More results

Similar Description - LP8733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP873220-Q1 TI1-LP873220-Q1 Datasheet
2Mb / 69P
LP873220-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI1-LP8733 Datasheet
5Mb / 82P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI-LP8733-Q1_V01 Datasheet
6Mb / 85P
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8732-Q1 TI-LP8732-Q1_V01 Datasheet
6Mb / 85P
LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733_V01 Datasheet
6Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733_V02 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8732-Q1 TI-LP8732-Q1_V02 Datasheet
2Mb / 86P
LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8733 TI-LP8733_V03 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8732-Q1 TI-LP8732-Q1_V03 Datasheet
3Mb / 86P
LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8733 TI-LP8733_V04 Datasheet
3Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com